Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT15F Datasheet (PDF) - Emerson Network Power

SMT15F Datasheet PDF - Emerson Network Power
Part # SMT15F
Download  SMT15F Download
File Size   291.98 Kbytes
Page   5 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description non-isolated dc-dc converter

SMT15F Datasheet (PDF)

Go To PDF Page Download Datasheet
SMT15F Datasheet PDF - Emerson Network Power

Part # SMT15F
Download  SMT15F Click to download

File Size   291.98 Kbytes
Page   5 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description non-isolated dc-dc converter

SMT15F Datasheet (HTML) - Emerson Network Power


SMT15F Product details

The SMT15F-12 series are non-isolated dc-dc converters packaged in a surface-mount footprint giving designers a cost effective solution for conversion from a 12 V source. The SMT15F-12 has an input range of 10.8 Vdc to 13.2 Vdc and offers an output voltage range from 1.0 Vdc to 1.8 Vdc with a 15 A load, which allows for maximum design flexibility and a pathway for future upgrades. The SMT15F-12 is designed for applications that include distributed power, workstations, optical network and wireless applications. Implemented using state of the art surface-mount technology and automated manufacturing techniques, the SMT15F-12 offers compact size and efficiencies of up to 88% at 1.8 Vout.

Special Features
• Designed to meet ultra fast transient requirements: 300 A/μs step load transients
• 15 A Current rating
• Input voltage range: 10.8 Vdc to 13.2 Vdc
• Output voltage range: 1.0 Vdc to 1.8 Vdc
• Extremely low internal power dissipation
• Minimal thermal design concerns
• Ideal solution where board space is at a premium or tighter card pitch is required
• Industry standard surface-mount footprint
• Available RoHS compliant
• 2 year warranty




Similar Part No. - SMT15F

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT15F ARTESYN-SMT15F Datasheet
192Kb / 4P
DC-DC CONVERTERS Typhoon Non-isolated
SMT15F-12S1V0J ARTESYN-SMT15F-12S1V0J Datasheet
192Kb / 4P
DC-DC CONVERTERS Typhoon Non-isolated
SMT15F-12S1V0J ARTESYN-SMT15F-12S1V0J Datasheet
297Kb / 5P
12 Vin single fixed output
SMT15F-12S1V2J ARTESYN-SMT15F-12S1V2J Datasheet
192Kb / 4P
DC-DC CONVERTERS Typhoon Non-isolated
SMT15F-12S1V2J ARTESYN-SMT15F-12S1V2J Datasheet
297Kb / 5P
12 Vin single fixed output
More results


Similar Description - SMT15F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
NON-ISOLATED DC/DC CONVERTER
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
NON-ISOLATED DC/DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
non-isolated dc-dc converter
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
NON ISOLATED DC-DC CONVERTER
M57184N-515AF ISAHAYA-M57184N-515AF Datasheet
263Kb / 5P
NON-ISOLATED DC-DC CONVERTER
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
NON-ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
NON ISOLATED DC-DC CONVERTER
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
Non-Isolated DC-DC Converter
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
Non-Isolated DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com