Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT15F Datasheet(PDF) 4 Page - Emerson Network Power

Part # SMT15F
Description  non-isolated dc-dc converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT15F Datasheet(HTML) 4 Page - Emerson Network Power

  SMT15F Datasheet HTML 1Page - Emerson Network Power SMT15F Datasheet HTML 2Page - Emerson Network Power SMT15F Datasheet HTML 3Page - Emerson Network Power SMT15F Datasheet HTML 4Page - Emerson Network Power SMT15F Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev.06.28.07
SMT15F_12_FIXED
4 of 5
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
Specifications
0
10
20
30
40
50
70
0
6
8
10
Nat conv
200 LFM
400 LFM
80
16
12
TEMPERATURE (ºC)
4
2
60
14
Figure 1 - Derating Curve
Vin = 12 V, Output Voltage = 1.2 V (See Note A)
Figure 2 - Typical Transient Response,
(Vin = 12 V, Output Current = 1.2 V),
7.5 A Load Step Change; Slew Rate = 200 A/μs
Channel 1: Voltage Deviation = 45 mV; Recovery Time = 10 μs
Notes
A
The derating curve represents the conditions at which internal components
are within the Artesyn derating guidelines.
Vout
R Load
Vin
SMT15F
Common
ON/OFF
Trim pin
Rtrimdown
Rtrimup
+Vsense
Figure 4 - Standard Application
Figure 3 - Typical Transient Response,
(Vin = 12 V, Output Current = 1.2 V),
7.5 A Load Step Change; Slew Rate = 200 A/μs
Channel 1: Voltage Deviation = 46.8 mV; Recovery Time = 10 μs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com