Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT15F Datasheet(PDF) 3 Page - Emerson Network Power

Part # SMT15F
Description  non-isolated dc-dc converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT15F Datasheet(HTML) 3 Page - Emerson Network Power

  SMT15F Datasheet HTML 1Page - Emerson Network Power SMT15F Datasheet HTML 2Page - Emerson Network Power SMT15F Datasheet HTML 3Page - Emerson Network Power SMT15F Datasheet HTML 4Page - Emerson Network Power SMT15F Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev.06.27.07
Rev.06.28.07
SMT15F_12_FIXED
3 of 5
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
Specifications
Notes
1
The SMT15F-12 features an ‘Active High’ Remote ON/OFF operation. If not
using the Remote ON/OFF pin, leave the pin open (the converter will be on).
The Remote ON/OFF pin is referenced to ground.
The following conditions apply for the SMT15F-12:
Configuration
Converter Operation
Remote pin open circuit
Unit is ON
Remote pin pulled low
Unit is OFF
Remote pin pulled high
Unit is ON
An ‘Active Low’ Remote ON/OFF version is also possible with this converter.
To order please place the Suffix ‘R’ towards the end of the part number, e.g.
SMT15F-12S1V8RJ.
2
A 270 μF electrolytic input capacitor maybe required for test purposes only.
3
An external output capacitor is not required for basic operation. Adding
distributed capacitance at the load will improve the transient response.
4
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special
request, please contact your local sales representative for details.
5
NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
SMT15F -12S1V2J
Part Number System with Options
Product Family
SMT = Surface Mount
Rated Output Current
15 = 15 Amps
Input Voltage
12 = 10.8 Vdc to 13.2 Vdc
Type of Output
S = Single
W = Fixed
Performance
F = Enhanced/Fast Transient
Performance
Output Voltage
1V0 = 1.0 V, 1V2 = 1.2 V etc.
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(1,4,5)
(MAX.)
(MIN.)
(MAX.)
15.0 W
10.8-13.2 Vdc
1 Vdc
0 A
15 A
85%
±1.0%
±1.0%
SMT15F-12S1V0J
18.0 W
10.8-13.2 Vdc
1.2 Vdc
0 A
15 A
86%
±1.0%
±1.0%
SMT15F-12S1V2J
22.5 W
10.8-13.2 Vdc
1.5 Vdc
0 A
15 A
87%
±1.0%
±1.0%
SMT15F-12S1V5J
27.0 W
10.8-13.2 Vdc
1.8 Vdc
0 A
15 A
88%
±1.0%
±1.0%
SMT15F-12S1V8J
Packaging Options (4)
J = Pb-free (RoHS 6/6 compliant)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com