Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT15F Datasheet(PDF) 2 Page - Emerson Network Power

Part # SMT15F
Description  non-isolated dc-dc converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT15F Datasheet(HTML) 2 Page - Emerson Network Power

  SMT15F Datasheet HTML 1Page - Emerson Network Power SMT15F Datasheet HTML 2Page - Emerson Network Power SMT15F Datasheet HTML 3Page - Emerson Network Power SMT15F Datasheet HTML 4Page - Emerson Network Power SMT15F Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev.06.28.07
SMT15F_12_FIXED
2 of 5
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
Specifications
OUTPUT SPECIFICATIONS
Voltage adjustability
(Trimmable)
±10%
Setpoint accuracy
±2.5% typ.
Line regulation
±1.0% typ.
Load regulation
±1.0% typ.
Total error band
±3.0% typ.
Minimum load
0 A
Overshoot/undershoot
None
Ripple and noise
5 Hz to 20 MHz
40 mV pk-pk
25 mV rms
Temperature co-efficient
±0.01%/
°C
Transient response
di/dt 200 A/μs
7.5 A load step
(1.2 Vout)
(See Note 3)
50 mV max. deviation
<10 μs recovery to
within ±1.0%
Remote sense
10% Vo compensation
INPUT SPECIFICATIONS
Input voltage range
10.8 Vdc to 13.2 Vdc
Input current
No load
100 mA
Input current (max.)
2.0 A max. @ Io max.
and Vout = 1. 2 V
Input reflected ripple
100 mA rms
Remote ON/OFF
(See Note 1)
Start-up time
5 ms
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
Vin = 12 V, Vout = 1.8 V
88% typ.
Insulation voltage
Non-isolated
Switching frequency
Variable
700 kHz typ.
Vin = 12 V, Vout = 1.2 V
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(LxWxH)
33.02 x 13.46 x 7.57 mm
1.3 x 0.53 x 0.298 inches
Weight
7 g (0.25 oz)
Coplanarity
100 μm
MTBF
Telcordia SR-332
16,529,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40
°C to +85 °C
(See Figure 1)
temperature
Non-operating
-40
°C to +125 °C
PROTECTION
Short-circuit
Continuous
Thermal
Automatic recovery



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com