Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74AC175 Datasheet (PDF) - Integral Corp.

IN74AC175 Datasheet PDF - Integral Corp.
Part # IN74AC175
Download  IN74AC175 Download
File Size   136.68 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS

IN74AC175 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74AC175 Datasheet PDF - Integral Corp.

Part # IN74AC175
Download  IN74AC175 Click to download

File Size   136.68 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS

IN74AC175 Datasheet (HTML) - Integral Corp.


IN74AC175 Product details

Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS

The IN74AC175 is identical in pinout to the LS/ALS175, HC/HCT175. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs.
This device consists of four D flip-flops with common Reset and Clock inputs, and separate D inputs. Reset (active-low) is asynchronous and occurs when a low level is applied to the Reset input. Information at a D input is transferred to the corresponding Q output on the next positive-going edge of the Clock input.

• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA




Similar Part No. - IN74AC175

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC175 IKSEMICON-IN74AC175 Datasheet
177Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IN74AC175D IKSEMICON-IN74AC175D Datasheet
177Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IN74AC175N IKSEMICON-IN74AC175N Datasheet
177Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74AC175

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC273 INTEGRAL-IN74AC273 Datasheet
179Kb / 5P
Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC174 KODENSHI-KK74AC174 Datasheet
265Kb / 6P
Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74AC175 KODENSHI-KK74AC175 Datasheet
273Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74ACT175 KODENSHI-KK74ACT175 Datasheet
267Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74ACT273 KODENSHI-KK74ACT273 Datasheet
287Kb / 6P
Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74HC175A KODENSHI-KK74HC175A Datasheet
235Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC175A IKSEMICON-IN74HC175A Datasheet
223Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74AC175 IKSEMICON-IN74AC175 Datasheet
177Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IN74ACT174 IKSEMICON-IN74ACT174 Datasheet
247Kb / 6P
Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IN74ACT175 IKSEMICON-IN74ACT175 Datasheet
253Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com