Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5781 Datasheet (PDF) - Sanyo Semicon Device

2SC5781 Datasheet PDF - Sanyo Semicon Device
Part # 2SC5781
Download  2SC5781 Download
File Size   52.61 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Low-Noise Amplifier and OSC Applications

2SC5781 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5781 Datasheet PDF - Sanyo Semicon Device

Part # 2SC5781
Download  2SC5781 Click to download

File Size   52.61 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Low-Noise Amplifier and OSC Applications

2SC5781 Datasheet (HTML) - Sanyo Semicon Device


2SC5781 Product details

High-Frequency Low-Noise Amplifier and OSC Applications

Features
• Low-noise use : NF=1.5dB typ (f=2GHz).
• High cutoff frequency : fT=6.5GHz typ (VCE=1V).
                                      : fT=11.2GHz typ (VCE=3V).
• Low operating voltage.
• Ultraminiature and thin flat leadless package (1.4mm✕0.8mm✕0.6mm).




Similar Part No. - 2SC5781

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5783 SANYO-2SC5783 Datasheet
57Kb / 6P
2SC5783
logo
Toshiba Semiconductor
2SC5784 TOSHIBA-2SC5784 Datasheet
178Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5784 TOSHIBA-2SC5784 Datasheet
138Kb / 5P
Silicon NPN Epitaxial Type High-Speed Switching Applications
2SC5784 TOSHIBA-2SC5784 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - 2SC5781

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5536 SANYO-2SC5536 Datasheet
35Kb / 4P
VHF Low-Noise Amplifier , OSC Applications
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H04B SANYO-EC3H04B Datasheet
34Kb / 6P
High-Frequency Low-Noise Amplifier and OSC Applications
EC3H04C SANYO-EC3H04C Datasheet
33Kb / 6P
High-Frequency Low-Noise Amplifier and OSC Applications
logo
Fairchild Semiconductor
KSC1623 FAIRCHILD-KSC1623 Datasheet
60Kb / 4P
Low Frequency Amplifier & High Frequency OSC.
logo
Sanyo Semicon Device
2SC5665 SANYO-2SC5665 Datasheet
36Kb / 7P
High-Frequency Low-Noise Amplifier and OSC Applications
2SC5536A SANYO-2SC5536A Datasheet
56Kb / 5P
VHF Low-Noise Amplifier, OSC Applications
2SC5536A SANYO-2SC5536A_12 Datasheet
511Kb / 7P
VHF Low-Noise Amplifier, OSC Applications
logo
Fairchild Semiconductor
KSC1623YMTF FAIRCHILD-KSC1623YMTF Datasheet
66Kb / 4P
Low Frequency Amplifier & High Frequency OSC.
KSC1623LMTF FAIRCHILD-KSC1623LMTF Datasheet
66Kb / 4P
Low Frequency Amplifier & High Frequency OSC.
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com