Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5536 Datasheet (PDF) - Sanyo Semicon Device

2SC5536 Datasheet PDF - Sanyo Semicon Device
Part # 2SC5536
Download  2SC5536 Download
File Size   35.66 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF Low-Noise Amplifier , OSC Applications

2SC5536 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5536 Datasheet PDF - Sanyo Semicon Device

Part # 2SC5536
Download  2SC5536 Click to download

File Size   35.66 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF Low-Noise Amplifier , OSC Applications

2SC5536 Datasheet (HTML) - Sanyo Semicon Device


2SC5536 Product details

VHF Low-Noise Amplifier , OSC Applications

Features
• Low noise : NF=1.8dB typ (f=150MHz).
• High gain : |S21e|2=16dB typ (f=150MHz).
• Ultrasmall, slim flat-lead package. (1.4mm×0.8mm×0.6mm)




Similar Part No. - 2SC5536

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5536A SANYO-2SC5536A Datasheet
56Kb / 5P
VHF Low-Noise Amplifier, OSC Applications
2SC5536A SANYO-2SC5536A Datasheet
511Kb / 7P
VHF Low-Noise Amplifier, OSC Applications
logo
ON Semiconductor
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
2SC5536A-TL-H ONSEMI-2SC5536A-TL-H Datasheet
503Kb / 7P
RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
logo
Sanyo Semicon Device
2SC5536A SANYO-2SC5536A_12 Datasheet
511Kb / 7P
VHF Low-Noise Amplifier, OSC Applications
More results


Similar Description - 2SC5536

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3H01B SANYO-EC3H01B Datasheet
26Kb / 5P
VHF Band Low-Noise Amplifer and OSC Applications
EC3H03B SANYO-EC3H03B Datasheet
27Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier and OSC Applications
EC3H04B SANYO-EC3H04B Datasheet
34Kb / 6P
High-Frequency Low-Noise Amplifier and OSC Applications
EC3H04C SANYO-EC3H04C Datasheet
33Kb / 6P
High-Frequency Low-Noise Amplifier and OSC Applications
2SC5665 SANYO-2SC5665 Datasheet
36Kb / 7P
High-Frequency Low-Noise Amplifier and OSC Applications
2SC5781 SANYO-2SC5781 Datasheet
52Kb / 7P
High-Frequency Low-Noise Amplifier and OSC Applications
EC3H03BA SANYO-EC3H03BA Datasheet
71Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier and OSC Applications
2SC5536A SANYO-2SC5536A Datasheet
56Kb / 5P
VHF Low-Noise Amplifier, OSC Applications
2SC5536A SANYO-2SC5536A_12 Datasheet
511Kb / 7P
VHF Low-Noise Amplifier, OSC Applications
logo
Toshiba Semiconductor
2SC2499 TOSHIBA-2SC2499 Datasheet
210Kb / 4P
VHF-UHF Low Noise Amplifier Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com