Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3H03BA Datasheet (PDF) - Sanyo Semicon Device

EC3H03BA Datasheet PDF - Sanyo Semicon Device
Part # EC3H03BA
Download  EC3H03BA Download
File Size   71.59 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF to UHF Wide-Band Low-Noise Amplifier and OSC Applications

EC3H03BA Datasheet (PDF)

Go To PDF Page Download Datasheet
EC3H03BA Datasheet PDF - Sanyo Semicon Device

Part # EC3H03BA
Download  EC3H03BA Click to download

File Size   71.59 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF to UHF Wide-Band Low-Noise Amplifier and OSC Applications

EC3H03BA Datasheet (HTML) - Sanyo Semicon Device


EC3H03BA Product details

Features
• Low noise : NF=1.1dB typ (f=1GHz).
• High gain :⏐S21e⏐2=12dB typ (f=1GHz).
• High cutoff frequency : fT=7.5GHz typ.
• Ultraminiature (1006 size) and thin (0.5mm) leadless package .
• Halogen free compliance (UL94HB).




Similar Part No. - EC3H03BA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3H03B SANYO-EC3H03B Datasheet
27Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier and OSC Applications
More results


Similar Description - EC3H03BA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5503 SANYO-2SC5503 Datasheet
45Kb / 6P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5539 SANYO-2SC5539 Datasheet
44Kb / 5P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02B SANYO-EC3H02B Datasheet
41Kb / 5P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
EC3H03B SANYO-EC3H03B Datasheet
27Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier and OSC Applications
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5227A SANYO-2SC5227A_12 Datasheet
454Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A_12 Datasheet
470Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com