Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5503 Datasheet (PDF) - Sanyo Semicon Device

2SC5503 Datasheet PDF - Sanyo Semicon Device
Part # 2SC5503
Download  2SC5503 Download
File Size   45.75 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF to UHF Low-Noise Wide-Band Amplifier Applications

2SC5503 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5503 Datasheet PDF - Sanyo Semicon Device

Part # 2SC5503
Download  2SC5503 Click to download

File Size   45.75 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF to UHF Low-Noise Wide-Band Amplifier Applications

2SC5503 Datasheet (HTML) - Sanyo Semicon Device


2SC5503 Product details

VHF to UHF Low-Noise Wide-Band Amplifier Applications
   
Features
• Low noise : NF=1.2dB typ (f=1GHz).
• High gain : |S21e|2=15dB typ (f=1GHz).
• High cutoff frequency : fT=9.0GHz typ.
   




Similar Part No. - 2SC5503

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5501 SANYO-2SC5501 Datasheet
46Kb / 6P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
470Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
logo
ON Semiconductor
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
2SC5501A-4-TR-E ONSEMI-2SC5501A-4-TR-E Datasheet
369Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
More results


Similar Description - 2SC5503

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5539 SANYO-2SC5539 Datasheet
44Kb / 5P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02B SANYO-EC3H02B Datasheet
41Kb / 5P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5231A SANYO-2SC5231A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5226A SANYO-2SC5226A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5227A SANYO-2SC5227A_12 Datasheet
454Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A_12 Datasheet
470Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com