Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5503 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5503
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5503 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5503 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC5503
No.6222–2/6
Continued from preceding page.
2
4
6
8
10
12
14
16
0
S21e2 -- IC
1.0
23
5
7
35
7
2
3
5
7
10
100
VCE=5V
f=1GHz
IT00648
Cob -- VCB
1.0
7
5
3
2
7
5
3
2
5
0.1
1.0
7
5
3
2
7
5
3
2
5
0.1
1.0
0.1
23
7
5 7
2
35 7
2
35
10
IT00646
f=1MHz
100
7
5
7
5
3
3
2
5
3
2
10
1.0
35
7
2
3
5
7
2
2
35
7
10
100
hFE -- IC
IT00644
VCE=5V
10
7
5
2
3
3
2
7
5
1.0
10
1.0
23
5
7
72
3
5
7 100
fT -- IC
IT00645
VCE=5V
10
1.0
23
5
72
3
5
7
7
0
2
4
6
8
10
NF -- IC
IT00649
VCE=5V
f=1GHz
Cre -- VCB
IT00647
1.0
0.1
2
3
57
2
3
57
2
3
5
10
7 100
f=1MHz
Collector Current, IC –mA
Collector Current, IC –mA
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector Current, IC – mA
Collector Current, IC –mA
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
n
i
a
G
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
e
1
2
S
|
2
V E
C
I
,
V
5
=
C
z
H
G
1
=
f
,
A
m
5
1
=
2
15
1B
d
e
r
u
g
i
F
e
s
i
o
N
F
NV E
C
I
,
V
5
=
C
z
H
G
1
=
f
,
A
m
5
=2
.
15
.
2B
d



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com