Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5503 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5503
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5503 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5503 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC5503
No.6222–4/6
VCE=2V, IC=10mA, ZO=50Ω
VCE=2V, IC=15mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
15
4
7
.
02
.
7
3
–5
4
2
.
8
10
.
9
4
15
2
0
.
09
.
8
68
5
8
.
00
.
4
2
–
0
0
22
1
6
.
00
.
0
7
–1
1
2
.
5
17
.
8
2
11
4
0
.
00
.
9
54
7
6
.
00
.
8
3
–
0
0
45
5
4
.
03
.
3
1
1
–0
7
1
.
0
15
.
4
0
17
5
0
.
01
.
4
55
6
4
.
01
.
8
4
–
0
0
64
8
3
.
00
.
0
4
1
–9
8
2
.
75
.
0
93
7
0
.
03
.
5
51
8
3
.
02
.
1
5
–
0
0
89
5
3
.
00
.
7
5
1
–1
2
6
.
53
.
1
88
8
0
.
09
.
5
58
3
3
.
02
.
3
5
–
0
0
0
15
4
3
.
02
.
9
6
1
–0
3
5
.
44
.
3
75
0
1
.
08
.
5
56
1
3
.
04
.
5
5
–
0
0
2
16
3
3
.
05
.
9
7
15
5
8
.
33
.
6
62
2
1
.
09
.
4
58
0
3
.
04
.
8
5
–
0
0
4
10
3
3
.
02
.
0
7
16
0
3
.
37
.
9
59
3
1
.
01
.
4
56
0
3
.
00
.
2
6
–
0
0
6
18
2
3
.
03
.
2
6
18
2
9
.
22
.
4
56
5
1
.
02
.
2
51
1
3
.
01
.
5
6
–
0
0
8
18
2
3
.
02
.
4
5
17
3
6
.
21
.
8
45
7
1
.
06
.
0
50
1
3
.
09
.
8
6
–
0
0
0
28
2
3
.
07
.
6
4
10
8
3
.
24
.
2
43
9
1
.
07
.
8
46
1
3
.
06
.
2
7
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
13
4
6
.
00
.
0
5
–2
8
4
.
3
20
.
3
4
12
2
0
.
02
.
7
64
0
8
.
07
.
8
2
–
0
0
28
0
5
.
02
.
8
8
–7
9
9
.
7
18
.
0
2
16
3
0
.
03
.
9
50
9
5
.
00
.
2
4
–
0
0
40
9
3
.
00
.
1
3
1
–1
9
8
.
0
17
.
8
92
5
0
.
01
.
9
58
9
3
.
09
.
8
4
–
0
0
66
5
3
.
01
.
2
5
1
–0
5
5
.
73
.
7
88
6
0
.
07
.
9
57
2
3
.
04
.
0
5
–
0
0
83
4
3
.
09
.
6
6
1
–6
6
7
.
59
.
8
76
8
0
.
03
.
0
68
9
2
.
01
.
2
5
–
0
0
0
15
3
3
.
02
.
8
7
1
–0
5
6
.
44
.
1
74
0
1
.
08
.
9
53
8
2
.
07
.
4
5
–
0
0
2
10
3
3
.
04
.
2
7
14
3
9
.
39
.
4
62
2
1
.
05
.
8
51
8
2
.
08
.
7
5
–
0
0
4
17
2
3
.
04
.
4
6
14
6
3
.
37
.
8
50
4
1
.
02
.
7
59
7
2
.
05
.
1
6
–
0
0
6
15
2
3
.
01
.
7
5
12
8
9
.
24
.
3
59
5
1
.
00
.
5
54
8
2
.
08
.
4
6
–
0
0
8
18
2
3
.
02
.
9
4
13
8
6
.
25
.
7
48
7
1
.
08
.
2
59
8
2
.
09
.
8
6
–
0
0
0
27
2
3
.
05
.
2
4
16
2
4
.
29
.
1
47
9
1
.
03
.
0
54
9
2
.
06
.
2
7
–
VCE=5V, IC=1mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
15
7
9
.
00
.
1
1
–3
2
5
.
21
.
8
6
14
2
0
.
01
.
1
84
9
9
.
04
.
5
–
0
0
22
6
9
.
02
.
1
2
–5
4
0
.
24
.
8
5
17
4
0
.
01
.
4
76
7
9
.
03
.
0
1
–
0
0
47
2
9
.
01
.
1
4
–5
1
2
.
22
.
0
4
18
8
0
.
00
.
0
65
2
9
.
03
.
0
2
–
0
0
65
5
8
.
08
.
2
6
–0
7
2
.
27
.
3
2
16
1
1
.
02
.
9
42
9
8
.
09
.
5
2
–
0
0
83
0
8
.
08
.
0
8
–5
5
0
.
23
.
0
1
10
3
1
.
03
.
9
31
3
8
.
01
.
3
3
–
0
0
0
15
6
7
.
00
.
7
9
–3
5
8
.
15
.
7
92
4
1
.
09
.
2
32
7
7
.
04
.
8
3
–
0
0
2
10
9
6
.
02
.
5
1
1
–7
6
8
.
10
.
5
80
4
1
.
02
.
8
28
2
7
.
05
.
3
4
–
0
0
4
15
1
6
.
06
.
2
3
1
–1
5
8
.
14
.
3
73
4
1
.
01
.
5
29
2
7
.
08
.
6
4
–
0
0
6
10
0
6
.
00
.
4
4
1
–4
2
6
.
19
.
4
66
4
1
.
02
.
1
24
5
7
.
02
.
0
5
–
0
0
8
12
8
5
.
05
.
5
5
1
–3
0
5
.
15
.
5
52
4
1
.
09
.
0
22
0
7
.
06
.
4
5
–
0
0
0
27
2
5
.
09
.
9
6
1
–0
9
3
.
10
.
7
49
3
1
.
09
.
3
28
1
7
.
00
.
8
5
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com