Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5503 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5503
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5503 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5503 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5503
No.6222–3/6
S Parameters (Common emitter)
VCE=2V, IC=1mA, ZO=50Ω
300
400
500
200
100
0
0
160
140
120
100
80
60
40
20
PC -- Ta
IT00650
Ambient Temperature, Ta –
°C
Mounted
on
a ceramic
board
(250mm
2
×
0.8mm)
VCE=2V, IC=5mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
18
7
9
.
02
.
1
1
–5
3
7
.
29
.
6
6
10
3
0
.
05
.
1
80
9
9
.
00
.
6
0
0
20
5
9
.
00
.
4
2
–6
5
4
.
28
.
5
5
19
5
0
.
05
.
2
77
6
9
.
04
.
2
1
0
0
42
1
9
.
05
.
4
4
–5
2
2
.
26
.
7
3
18
0
1
.
07
.
7
56
9
8
.
09
.
4
2
0
0
65
4
8
.
06
.
6
6
–1
8
1
.
20
.
1
2
14
3
1
.
06
.
5
40
4
8
.
08
.
1
3
0
0
83
6
7
.
01
.
9
8
–7
9
2
.
22
.
5
0
16
5
1
.
06
.
5
33
8
7
.
08
.
8
3
0
0
0
15
4
7
.
03
.
2
0
1
–3
1
8
.
14
.
3
90
7
1
.
05
.
9
27
0
7
.
04
.
5
4
0
0
2
12
7
6
.
01
.
1
2
1
–7
3
8
.
10
.
1
84
7
1
.
00
.
3
27
8
6
.
09
.
9
4
0
0
4
18
3
6
.
01
.
5
3
1
–1
4
6
.
11
.
0
71
7
1
.
02
.
0
22
8
6
.
04
.
3
5
0
0
6
11
0
6
.
07
.
8
4
1
–4
1
5
.
13
.
1
65
6
1
.
04
.
9
10
7
6
.
08
.
7
5
0
0
8
18
7
5
.
05
.
0
6
1
–4
8
2
.
10
.
2
58
6
1
.
01
.
5
15
5
6
.
09
.
1
6
0
0
0
29
6
5
.
00
.
1
7
1
–6
8
2
.
16
.
3
42
6
1
.
09
.
7
16
2
6
.
02
.
6
6
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
17
6
8
.
03
.
4
2
–7
5
9
.
0
16
.
6
5
18
2
0
.
08
.
3
73
3
9
.
09
.
5
1
0
0
23
8
7
.
05
.
5
4
–6
0
4
.
98
.
0
4
18
4
0
.
03
.
2
62
1
8
.
01
.
9
2
0
0
42
2
6
.
04
.
4
8
–9
3
7
.
76
.
6
1
11
7
0
.
06
.
0
50
1
6
.
01
.
3
4
0
0
64
0
5
.
08
.
3
1
1
–3
2
1
.
64
.
9
96
8
0
.
00
.
7
48
0
5
.
05
.
8
4
0
0
81
4
4
.
03
.
5
3
1
–1
5
9
.
45
.
7
88
9
0
.
00
.
6
46
4
4
.
08
.
1
5
0
0
0
12
0
4
.
06
.
1
5
1
–6
8
0
.
46
.
7
70
1
1
.
09
.
6
45
0
4
.
09
.
4
5
0
0
2
17
7
3
.
08
.
5
6
1
–4
2
5
.
32
.
9
63
2
1
.
06
.
6
43
9
3
.
06
.
7
5
0
0
4
18
6
3
.
07
.
5
7
1
–6
2
0
.
38
.
1
65
3
1
.
06
.
6
49
8
3
.
09
.
0
6
0
0
6
12
6
3
.
03
.
5
7
12
7
6
.
20
.
6
51
5
1
.
05
.
5
42
8
3
.
08
.
3
6
0
0
8
13
5
3
.
08
.
4
6
17
2
4
.
20
.
9
45
6
1
.
08
.
4
49
7
3
.
06
.
7
6
0
0
0
21
5
3
.
06
.
6
5
16
0
2
.
28
.
2
42
8
1
.
05
.
4
43
8
3
.
00
.
1
7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com