Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5503 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC5503
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5503 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5503 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5503 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC5503
No.6222–5/6
VCE=5V, IC=5mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
11
8
8
.
07
.
1
2
–2
4
5
.
0
16
.
8
5
13
2
0
.
03
.
6
77
4
9
.
04
.
3
1
–
0
0
26
0
8
.
06
.
0
4
–7
3
6
.
98
.
2
4
10
4
0
.
06
.
4
69
3
8
.
00
.
4
2
–
0
0
48
3
6
.
07
.
6
7
–5
8
0
.
83
.
9
1
11
6
0
.
02
.
3
51
8
6
.
06
.
4
3
–
0
0
61
2
5
.
07
.
2
0
1
–2
7
3
.
60
.
3
0
14
7
0
.
04
.
9
43
7
5
.
02
.
9
3
–
0
0
86
3
4
.
09
.
4
2
1
–2
6
2
.
54
.
0
95
8
0
.
04
.
8
43
1
5
.
00
.
2
4
–
0
0
0
11
8
3
.
05
.
2
4
1
–9
1
4
.
48
.
9
75
9
0
.
02
.
0
57
8
4
.
02
.
4
4
–
0
0
2
17
5
3
.
00
.
6
5
1
–2
9
7
.
37
.
1
77
0
1
.
06
.
9
42
7
4
.
07
.
6
4
–
0
0
4
18
3
3
.
04
.
7
6
1
–3
5
2
.
31
.
4
69
1
1
.
04
.
9
44
6
4
.
07
.
9
4
–
0
0
6
15
3
3
.
03
.
6
7
1
–9
5
8
.
24
.
8
51
3
1
.
05
.
9
41
6
4
.
04
.
2
5
–
0
0
8
16
1
3
.
02
.
1
7
14
3
6
.
23
.
1
55
4
1
.
04
.
9
46
6
4
.
07
.
5
5
–
0
0
0
26
1
3
.
06
.
2
6
17
7
3
.
20
.
5
40
6
1
.
08
.
8
47
6
4
.
09
.
8
5
–
VCE=5V, IC=10mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
16
7
7
.
01
.
2
3
–0
0
5
.
8
12
.
1
5
10
2
0
.
04
.
0
70
9
8
.
01
.
9
1
–
0
0
28
3
6
.
02
.
1
6
–7
7
7
.
5
16
.
1
3
14
3
0
.
06
.
2
62
3
7
.
00
.
0
3
–
0
0
41
5
4
.
04
.
2
0
1
–0
0
9
.
0
11
.
7
0
10
5
0
.
07
.
6
58
3
5
.
08
.
7
3
–
0
0
60
6
3
.
03
.
9
2
1
–7
2
9
.
77
.
2
93
6
0
.
06
.
7
59
5
4
.
04
.
9
3
–
0
0
85
2
3
.
01
.
7
4
1
–2
1
1
.
64
.
3
86
7
0
.
04
.
8
52
2
4
.
09
.
0
4
–
0
0
0
15
0
3
.
04
.
0
6
1
–9
4
9
.
43
.
5
71
9
0
.
03
.
8
52
0
4
.
07
.
2
4
–
0
0
2
13
9
2
.
00
.
2
7
1
–8
8
1
.
44
.
8
66
0
1
.
09
.
7
57
9
3
.
02
.
5
4
–
0
0
4
15
8
2
.
07
.
7
7
10
0
6
.
36
.
1
60
2
1
.
04
.
7
53
9
3
.
03
.
8
4
–
0
0
6
10
8
2
.
06
.
8
6
11
9
1
.
33
.
6
57
3
1
.
02
.
6
58
9
3
.
04
.
1
5
–
0
0
8
11
8
2
.
03
.
0
6
11
8
8
.
23
.
0
53
5
1
.
04
.
4
59
9
3
.
08
.
4
5
–
0
0
0
20
8
2
.
00
.
2
5
17
0
6
.
24
.
4
49
6
1
.
08
.
2
54
0
4
.
03
.
8
5
–
VCE=5V, IC=15mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
13
8
6
.
04
.
1
4
–6
9
1
.
4
29
.
5
4
19
1
0
.
05
.
0
73
4
8
.
07
.
2
2
–
0
0
24
2
5
.
06
.
6
7
–0
6
1
.
9
19
.
3
2
10
3
0
.
06
.
1
64
5
6
.
09
.
2
3
–
0
0
43
7
3
.
04
.
7
1
1
–0
2
8
.
1
15
.
1
0
15
4
0
.
04
.
0
69
7
4
.
03
.
7
3
–
0
0
68
1
3
.
02
.
1
4
1
–3
7
2
.
83
.
9
89
5
0
.
07
.
1
66
1
4
.
09
.
7
3
–
0
0
86
9
2
.
05
.
7
5
1
–1
4
3
.
69
.
0
84
7
0
.
02
.
2
68
8
3
.
00
.
9
3
–
0
0
0
14
8
2
.
06
.
9
6
1
–2
1
1
.
54
.
3
70
9
0
.
09
.
1
67
7
3
.
00
.
1
4
–
0
0
2
18
7
2
.
07
.
9
7
11
2
3
.
49
.
6
66
0
1
.
02
.
1
64
7
3
.
08
.
3
4
–
0
0
4
14
7
2
.
07
.
0
7
10
0
7
.
35
.
0
62
2
1
.
08
.
9
52
7
3
.
01
.
7
4
–
0
0
6
12
7
2
.
07
.
2
6
11
7
2
.
34
.
5
58
3
1
.
06
.
8
59
7
3
.
03
.
0
5
–
0
0
8
13
7
2
.
04
.
4
5
12
5
9
.
26
.
9
46
5
1
.
03
.
6
52
8
3
.
08
.
3
5
–
0
0
0
23
7
2
.
01
.
7
4
11
7
6
.
20
.
4
43
7
1
.
04
.
4
57
8
3
.
06
.
7
5
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com