Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5489 Datasheet (PDF) - Sanyo Semicon Device

2SC5489 Datasheet PDF - Sanyo Semicon Device
Part # 2SC5489
Download  2SC5489 Download
File Size   31.28 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF to UHF Low-Noise Wide-Band Amplifier Applications

2SC5489 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5489 Datasheet PDF - Sanyo Semicon Device

Part # 2SC5489
Download  2SC5489 Click to download

File Size   31.28 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF to UHF Low-Noise Wide-Band Amplifier Applications

2SC5489 Datasheet (HTML) - Sanyo Semicon Device


2SC5489 Product details

VHF to UHF Low-Noise Wide-Band Amplifier Applications

Features
• Low noise : NF=1.2dB typ (f=1GHz).
• High gain : |S21e|2=13dB typ (f=1GHz).
• High cutoff frequency : fT=9.0GHz typ.
• Ultrasmall, slim flat-lead package. (1.4mm × 0.8mm × 0.6mm)




Similar Part No. - 2SC5489

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5480 HITACHI-2SC5480 Datasheet
33Kb / 6P
Silicon NPN Triple Diffused Horizntal Deflection Output
logo
Inchange Semiconductor ...
2SC5480 ISC-2SC5480 Datasheet
244Kb / 2P
isc Silicon NPN Power Transistor
logo
List of Unclassifed Man...
2SC5482 ETC-2SC5482 Datasheet
105Kb / 4P
FOR LOW FREQUENCY POWER AMPLIFY APPRICATION SILICON NPN EPITAXIAL TYPE MICRO
logo
Isahaya Electronics Cor...
2SC5482 ISAHAYA-2SC5482 Datasheet
106Kb / 4P
TRANSISTOR
2SC5482 ISAHAYA-2SC5482 Datasheet
259Kb / 4P
For Low Frequency Power Amplify Application Silicon NPN Epitaxial Type Micro
More results


Similar Description - 2SC5489

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5503 SANYO-2SC5503 Datasheet
45Kb / 6P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5539 SANYO-2SC5539 Datasheet
44Kb / 5P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02B SANYO-EC3H02B Datasheet
41Kb / 5P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5231A SANYO-2SC5231A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5226A SANYO-2SC5226A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5227A SANYO-2SC5227A_12 Datasheet
454Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A_12 Datasheet
470Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com