Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5489 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5489
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5489 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5489 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5489 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5489 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5489
No.6339–2/3
16
14
12
10
8
6
4
2
0
10
53
25
7
3
25
7
7
1.0
10
8
6
4
2
0
NF -- IC
IT01375
IT01374
7
5
3
2
2
5
3
0.1
1.0
3
25
10
0.1
73
25
7
3
2
7
1.0
3
23
2
1.0
57
5
7
10
Cre -- VCB
f=1MHz
7
5
3
2
2
5
3
0.1
1.0
7
5
7
5
3
2
2
3
10
100
3
25
10
0.1
73
25
7
3
2
7
1.0
Cob -- VCB
f=1MHz
VCE=5V
f=1GHz
VCE=5V
f=1GHz
IT01373
IT01370
VCE=5V
f T -- IC
IT01371
10
2
2
3
5
7
7
5
1.0
VCE=5V
1.0
72
3
5
7
23
5
7
10
IT01372
hFE -- IC
120
0
100
60
80
40
20
20
060
40
80
100
140
120
160
PC -- Ta
IT01376
1.0
3
25
7
3
25
7
35
7
10
100
Collector Current, IC –mA
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector Current, IC –mA
S21e2 -- IC
Collector Current, IC –mA
Ambient Temperature, Ta –
°C
Collector Current, IC –mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com