Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5536 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5536
Description  VHF Low-Noise Amplifier , OSC Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5536 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5536 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5536 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5536 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5536 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5536
No.6290–3/4
S Parameters (Common emitter)
VCE=2V, IC=1mA, ZO=50Ω
VCE=2V, IC=3mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
51
6
9
.
03
.
6
2
–7
6
.
39
.
2
6
10
4
0
.
08
.
4
70
8
9
.
03
.
7
–
0
0
17
3
9
.
00
.
2
5
–0
9
.
25
.
8
4
14
7
0
.
05
.
1
68
3
9
.
04
.
3
1
–
0
5
17
1
9
.
08
.
2
7
–9
6
.
26
.
5
3
19
9
0
.
04
.
0
50
9
8
.
00
.
8
1
–
0
0
20
9
8
.
05
.
9
8
–7
4
.
20
.
5
2
14
1
1
.
03
.
1
43
4
8
.
05
.
1
2
–
0
5
23
9
8
.
07
.
0
0
1
–3
2
.
26
.
6
1
14
2
1
.
08
.
3
33
0
8
.
04
.
4
2
–
0
0
30
8
8
.
03
.
1
1
1
–3
9
.
18
.
8
0
10
3
1
.
03
.
8
25
8
7
.
05
.
6
2
–
0
5
38
6
8
.
04
.
2
2
1
–3
8
.
19
.
2
0
15
3
1
.
09
.
3
27
4
7
.
06
.
8
2
–
0
0
43
7
8
.
06
.
7
2
1
–8
5
.
18
.
6
96
3
1
.
09
.
9
17
4
7
.
05
.
0
3
–
0
5
48
5
8
.
04
.
5
3
1
–2
5
.
17
.
2
97
3
1
.
08
.
6
10
2
7
.
03
.
2
3
–
0
0
56
6
8
.
09
.
8
3
1
–1
3
.
13
.
7
85
3
1
.
00
.
4
14
2
7
.
03
.
4
3
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
58
8
8
.
05
.
7
3
–5
1
.
99
.
7
5
18
3
0
.
09
.
9
62
4
9
.
00
.
5
1
–
0
0
10
6
8
.
06
.
8
6
–1
0
.
82
.
0
4
14
6
0
.
00
.
4
59
2
8
.
01
.
6
2
–
0
5
15
3
8
.
08
.
1
9
–6
7
.
60
.
7
2
10
8
0
.
03
.
3
43
2
7
.
09
.
2
3
–
0
0
20
1
8
.
07
.
8
0
1
–6
5
.
58
.
7
1
18
8
0
.
06
.
5
36
3
6
.
07
.
6
3
–
0
5
20
0
8
.
04
.
1
2
1
–3
9
.
41
.
0
1
15
9
0
.
08
.
0
31
8
5
.
01
.
9
3
–
0
0
32
9
7
.
06
.
0
3
1
–7
1
.
46
.
4
0
18
9
0
.
04
.
7
23
3
5
.
09
.
0
4
–
0
5
31
9
7
.
09
.
7
3
1
–3
7
.
39
.
8
98
9
0
.
08
.
4
20
1
5
.
02
.
2
4
–
0
0
47
8
7
.
08
.
3
4
1
–8
2
.
32
.
5
90
0
1
.
00
.
3
22
8
4
.
03
.
3
4
–
0
5
45
8
7
.
04
.
8
4
1
–9
9
.
20
.
1
98
9
0
.
02
.
2
22
7
4
.
06
.
4
4
–
0
0
53
8
7
.
05
.
2
5
1
–9
6
.
21
.
8
80
0
1
.
03
.
1
27
5
4
.
07
.
5
4
–
VCE=2V, IC=10mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
53
3
7
.
08
.
4
6
–0
7
.
2
26
.
5
4
11
3
0
.
07
.
0
65
2
8
.
09
.
3
3
–
0
0
12
2
7
.
02
.
5
0
1
–1
7
.
6
10
.
5
2
16
4
0
.
09
.
4
45
0
6
.
09
.
3
5
–
0
5
19
1
7
.
07
.
6
2
1
–5
5
.
2
13
.
3
1
12
5
0
.
02
.
8
32
6
4
.
08
.
4
6
–
0
0
23
1
7
.
06
.
9
3
1
–4
9
.
92
.
6
0
15
5
0
.
03
.
6
31
7
3
.
04
.
1
7
–
0
5
26
1
7
.
08
.
7
4
1
–0
1
.
80
.
1
0
19
5
0
.
06
.
5
34
1
3
.
01
.
6
7
–
0
0
36
1
7
.
08
.
3
5
1
–8
8
.
69
.
6
90
6
0
.
02
.
6
36
7
2
.
07
.
9
7
–
0
5
36
1
7
.
08
.
8
5
1
–6
9
.
54
.
3
92
6
0
.
04
.
7
38
4
2
.
06
.
2
8
–
0
0
47
1
7
.
01
.
2
6
1
–5
2
.
57
.
0
95
6
0
.
06
.
8
38
2
2
.
01
.
5
8
–
0
5
45
1
7
.
03
.
5
6
1
–0
7
.
42
.
8
87
6
0
.
06
.
0
45
1
2
.
07
.
6
8
–
0
0
56
1
7
.
06
.
7
6
1
–4
2
.
49
.
5
89
6
0
.
01
.
2
44
0
2
.
06
.
8
8
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
55
0
6
.
00
.
4
0
1
–7
8
.
6
39
.
1
3
12
2
0
.
03
.
4
52
7
6
.
09
.
9
5
–
0
0
10
6
6
.
06
.
7
3
1
–4
0
.
3
29
.
2
1
10
3
0
.
03
.
4
40
5
4
.
04
.
9
8
–
0
5
17
7
6
.
07
.
1
5
1
–3
2
.
6
11
.
4
0
14
3
0
.
03
.
5
42
5
3
.
07
.
6
0
1
–
0
0
21
8
6
.
05
.
9
5
1
–3
4
.
2
14
.
9
98
3
0
.
04
.
7
42
0
3
.
06
.
8
1
1
–
0
5
26
8
6
.
05
.
4
6
1
–4
0
.
0
16
.
5
92
4
0
.
08
.
0
56
7
2
.
00
.
7
2
1
–
0
0
37
8
6
.
01
.
8
6
1
–4
4
.
88
.
2
95
4
0
.
09
.
3
50
6
2
.
07
.
3
3
1
–
0
5
39
8
6
.
08
.
0
7
1
–7
2
.
72
.
0
90
5
0
.
05
.
6
51
5
2
.
08
.
8
3
1
–
0
0
41
9
6
.
00
.
3
7
1
–8
3
.
63
.
8
85
5
0
.
03
.
8
54
4
2
.
09
.
2
4
1
–
0
5
41
9
6
.
08
.
4
7
1
–0
7
.
54
.
6
89
5
0
.
05
.
0
69
3
2
.
06
.
5
4
1
–
0
0
51
9
6
.
05
.
6
7
1
–4
1
.
57
.
4
84
6
0
.
05
.
1
67
3
2
.
02
.
8
4
1
–
VCE=2V, IC=30mA, ZO=50Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com