Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5536 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5536
Description  VHF Low-Noise Amplifier , OSC Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5536 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5536 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5536 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5536 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5536 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5536
No.6290–2/4
VCE=2V
1V
V CE
=2V
1V
4
8
12
16
20
24
28
0
1.0
57
10
100
23
35
7
2
3
5
7
Cre -- VCB
7
1.0
10
23
5
7
23
5
7
5
3
2
1.0
7
0.1
5
3
2
7 0.1
23
5
7
1.0
23
2
3
57
10
5
3
2
1.0
7
0.1
5
3
2
7 0.1
1.0
23
2
3
57
23
5
7
10
Cob -- VCB
2
10
7
5
3
2
1.0
7
3
5
3
2
100
7
5
3
2
10
1.0
23
5
7
7
10
23
5
7
35
f T -- IC
hFE -- IC
f=1MHz
f=1MHz
80
100
120
40
20
60
0
0
160
140
120
100
80
60
40
20
PC -- Ta
IT01305
IT01306
IT01307
IT01308
IT01309
IT01311
32
NF -- IC
10
12
8
6
4
2
0
7
1.0
23
5
7
23
5
7
10
100
IT01310
f=150MHz
V C
E
=2V
1V
f=150MHz
VCE=2V
1V
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
S21e2 -- IC
Collector Current, IC –mA
Collector Current, IC –mA
Collector Current, IC –mA
Ambient Temperature, Ta –
°C
Collector Current, IC –mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com