Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5628ARUZ-2 Datasheet (PDF) - Analog Devices

AD5628ARUZ-2 Datasheet PDF - Analog Devices
Part # AD5628ARUZ-2
Download  AD5628ARUZ-2 Download
File Size   306.1 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP

AD5628ARUZ-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5628ARUZ-2 Datasheet PDF - Analog Devices

Part # AD5628ARUZ-2
Download  AD5628ARUZ-2 Click to download

File Size   306.1 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP

AD5628ARUZ-2 Datasheet (HTML) - Analog Devices


AD5628ARUZ-2 Product details

GENERAL DESCRIPTION
The AD5628/AD5648/AD5668 devices are low power, octal, 12-/14-/16-bit, buffered voltage-output DACs. All devices operate from a single 2.7 V to 5.5 V supply and are guaranteed monotonic by design. The AD5668 and AD5628 are available in both a 4 mm × 4 mm LFCSP and a 16-lead TSSOP, while the AD5648 is available in both a 14-lead and 16-lead TSSOP.

FEATURES
    Low power, small footprint, pin-compatible octal DACs
        AD5668: 16 bits
        AD5648: 14 bits
        AD5628: 12 bits
    14-lead/16-lead TSSOP, 16-lead LFCSP, and 16-ball WLCSP
    On-chip 1.25 V/2.5 V, 5 ppm/°C reference
    Power down to 400 nA at 5 V, 200 nA at 3 V
    2.7 V to 5.5 V power supply
    Guaranteed monotonic by design
    Power-on reset to zero scale or midscale
    3 power-down functions
    Hardware LDAC and LDAC override function
    CLR function to programmable code
    Rail-to-rail operation

APPLICATIONS
    Process control
    Data acquisition systems
    Portable battery-powered instruments
    Digital gain and offset adjustment
    Programmable voltage and current sources
    Programmable attenuators




Similar Part No. - AD5628ARUZ-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5628ARUZ-2 AD-AD5628ARUZ-2 Datasheet
1Mb / 32P
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5628ARUZ-2REEL7 AD-AD5628ARUZ-2REEL7 Datasheet
1Mb / 32P
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
More results


Similar Description - AD5628ARUZ-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5666 AD-AD5666 Datasheet
823Kb / 28P
Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
11/05-Rev. 0 to Rev. A
AD5678 AD-AD5678 Datasheet
895Kb / 28P
4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
11/05-Rev. 0 to Rev. A
logo
Linear Technology
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
logo
Analog Devices
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
On-Chip Reference in 14-Lead TSSOP
REV. C
logo
Linear Technology
LTC2666 LINER-LTC2666 Datasheet
1Mb / 28P
Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
logo
Analog Devices
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com