Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7302ART-500RL7 Datasheet (PDF) - Analog Devices

ADT7302ART-500RL7 Datasheet PDF - Analog Devices
Part # ADT7302ART-500RL7
Download  ADT7302ART-500RL7 Download
File Size   230.91 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23

ADT7302ART-500RL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT7302ART-500RL7 Datasheet PDF - Analog Devices

Part # ADT7302ART-500RL7
Download  ADT7302ART-500RL7 Click to download

File Size   230.91 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23

ADT7302ART-500RL7 Datasheet (HTML) - Analog Devices


ADT7302ART-500RL7 Product details

GENERAL DESCRIPTION

The ADT7302 is a complete temperature monitoring system available in SOT-23 and MSOP packages. It contains a band gap temperature sensor and a 13-bit ADC to monitor and digitize the temperature reading to a resolution of 0.03125°C.

The ADT7302 has a flexible serial interface that allows easy interfacing to most microcontrollers. The interface is compatible with SPI®, QSPI™, and MICROWIRE™ protocols as well as DSPs. The part features a standby mode that is controlled via the serial interface.

The ADT7302’s wide supply voltage range, low supply current, and SPI-compatible interface make it ideal for a variety of applications, including PCs, office equipment, automotive, and domestic appliances.



FEATURES

  13-bit temperature-to-digital converter

  −40°C to +125°C operating temperature range

  ±2°C accuracy

  0.03125°C temperature resolution

  Shutdown current of 1 μA

  Power dissipation of 0.631 mW at VDD = 3.3 V

  SPI- and DSP-compatible serial interface

  Shutdown mode

  Space-saving SOT-23 and MSOP packages

  Compatible with AD7814

 

APPLICATIONS

  Medical equipment

  Automotive:

     Environmental controls

     Oil temperature

     Hydraulic systems

  Cell phones

  Hard disk drives

  Personal computers

  Electronic test equipment

  Office equipment

  Domestic appliances

  Process control



PRODUCT HIGHLIGHTS

1. On-chip temperature sensor that allows an accurate measurement of the ambient temperature. The measurable temperature range is −40°C to +125°C.

2. Supply voltage of 2.7 V to 5.25 V.

3. Space-saving 6-lead SOT-23 and 8-lead MSOP packages.

4. Maximum temperature accuracy of ±2°C.

5. 13-bit temperature reading to 0.03125°C resolution.

6. Shutdown mode that reduces the power consumption to 4.88 μW with VDD = 3.3 V at 1 SPS.

7. Compatible with AD7814.




Similar Part No. - ADT7302ART-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7302ARTZ-500RL7 AD-ADT7302ARTZ-500RL7 Datasheet
276Kb / 16P
짹2 C Accurate, Micropower Digital Temperature Sensor
10/05-Revision 0
ADT7302ARTZ-500RL7 AD-ADT7302ARTZ-500RL7 Datasheet
280Kb / 17P
Accurate, Micropower Digital Accurate, Micropower Digital
Rev. B
ADT7302ARTZ-REEL7 AD-ADT7302ARTZ-REEL7 Datasheet
276Kb / 16P
짹2 C Accurate, Micropower Digital Temperature Sensor
10/05-Revision 0
ADT7302ARTZ-REEL7 AD-ADT7302ARTZ-REEL7 Datasheet
280Kb / 17P
Accurate, Micropower Digital Accurate, Micropower Digital
Rev. B
More results


Similar Description - ADT7302ART-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
짹2 C Accurate, Micropower Digital Temperature Sensor
10/05-Revision 0
AD7814 AD-AD7814 Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
AD7414 AD-AD7414_15 Datasheet
368Kb / 20P
0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
2C Accurate, Micropower Digital Temperature Sensor
Rev. B
ADT7302 AD-ADT7302_17 Datasheet
280Kb / 17P
Accurate, Micropower Digital Accurate, Micropower Digital
Rev. B
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
12-Bit ADC in 6-Lead SOT-23
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com