Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7301 Datasheet (PDF) - Analog Devices

ADT7301 Datasheet PDF - Analog Devices
Part # ADT7301
Download  ADT7301 Download
File Size   637.53 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23

ADT7301 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT7301 Datasheet PDF - Analog Devices

Part # ADT7301
Download  ADT7301 Click to download

File Size   637.53 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23

ADT7301 Datasheet (HTML) - Analog Devices


ADT7301 Product details

GENERAL DESCRIPTION
The ADT7301 is a complete temperature monitoring system available in SOT-23 and MSOP packages. It contains a band gap temperature sensor and a 13-bit ADC to monitor and digitize the temperature reading to a resolution of 0.03125°C.

FEATURES
   13-bit temperature-to-digital converter
   −40°C to +150°C operating temperature range
   ±0.5°C typical accuracy
   0.03125°C temperature resolution
   Shutdown current of 1 µA
   Power dissipation of 0.631 mW at VDD = 3.3 V
   SPI- and DSP-compatible serial interface
   Shutdown mode
   Space-saving SOT-23 and MSOP packages

APPLICATIONS
   Medical equipment
   Automotive:
      Environmental controls
      Oil temperature
      Hydraulic systems
   Cell phones
   Hard disk drives
   Personal computers
   Electronic test equipment
   Office equipment
   Domestic appliances
   Process control




Similar Part No. - ADT7301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADT7301 TI-ADT7301 Datasheet
286Kb / 16P
13-bit temperature-to-digital converter ??0째C to 150째C operating temperature range 짹0.5째C typical accuracy
logo
Analog Devices
ADT7301 AD-ADT7301 Datasheet
319Kb / 17P
13-Bit, Digital Temperature Sensor
Rev. B
ADT7301ARMZ AD-ADT7301ARMZ Datasheet
286Kb / 16P
짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
ADT7301ARMZ AD-ADT7301ARMZ Datasheet
319Kb / 17P
13-Bit, Digital Temperature Sensor
Rev. B
ADT7301ARMZ-REEL7 AD-ADT7301ARMZ-REEL7 Datasheet
286Kb / 16P
짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
More results


Similar Description - ADT7301

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
AD7814 AD-AD7814 Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7414 AD-AD7414_15 Datasheet
368Kb / 20P
0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
2C Accurate, Micropower Digital Temperature Sensor
Rev. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. C
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com