Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7301 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7301
Description  13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7301 Datasheet(HTML) 1 Page - Analog Devices

  ADT7301 Datasheet HTML 1Page - Analog Devices ADT7301 Datasheet HTML 2Page - Analog Devices ADT7301 Datasheet HTML 3Page - Analog Devices ADT7301 Datasheet HTML 4Page - Analog Devices ADT7301 Datasheet HTML 5Page - Analog Devices ADT7301 Datasheet HTML 6Page - Analog Devices ADT7301 Datasheet HTML 7Page - Analog Devices ADT7301 Datasheet HTML 8Page - Analog Devices ADT7301 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
13-Bit, ±0.5°C Accurate, MicroPower Digital
Temperature Sensor in 6-Lead SOT-23
Preliminary Technical Data
ADT7301
Rev. PrJ
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
13-bit temperature-to-digital converter
−40°C to +150°C operating temperature range
±0.5°C typical accuracy
0.03125°C temperature resolution
Shutdown current of 1 µA
Power dissipation of 0.631 mW at VDD = 3.3 V
SPI- and DSP-compatible serial interface
Shutdown mode
Space-saving SOT-23 and MSOP packages
APPLICATIONS
Medical equipment
Automotive:
Environmental controls
Oil temperature
Hydraulic systems
Cell phones
Hard disk drives
Personal computers
Electronic test equipment
Office equipment
Domestic appliances
Process control
FUNCTIONAL BLOCK DIAGRAM
SERIAL
BUS
INTERFACE
ADT7301
VDD
SCLK
DIN
DOUT
GND
13-BIT
ANALOG/DIGITAL
CONVERTER
TEMPERATURE
VALUE
REGISTER
BAND GAP
TEMPERATURE
SENSOR
CS
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADT7301 is a complete temperature monitoring system
available in SOT-23 and MSOP packages. It contains a band gap
temperature sensor and a 13-bit ADC to monitor and digitize
the temperature reading to a resolution of 0.03125°C.
The ADT7301 has a flexible serial interface that allows easy
interfacing to most microcontrollers. The interface is compat-
ible with SPI®, QSPI™, and MICROWIRE™ protocols as well as
DSPs. The part features a standby mode that is controlled via
the serial interface. The ADT7301’s wide supply voltage range,
low supply current, and SPI compatible interface make it ideal
for a variety of applications, including personal computers,
office equipment, automotive, and domestic appliances. The
ADT7301 is rated for operation over the -40°C to +150°C
temperature range. It is not recommended to operate the device
at temperatures above +125°C for greater than a total of 5%
(5,000 hours) of the lifetime of the device. Any exposure
beyond this limit will affect device reliability.
PRODUCT HIGHLIGHTS
1.
The ADT7301 has an on-chip temperature sensor that
allows an accurate measurement of the ambient tempera-
ture. The measurable temperature range is −40°C to
+150°C.
2.
Supply voltage of 2.7 V to 5.5 V.
3.
Space-saving 6-lead SOT-23 and 8-lead MSOP packages.
4.
Temperature accuracy of ±0.5°C.
5.
13-bit temperature reading to 0.03125°C resolution.
6.
The ADT7301 features a shutdown mode that reduces the
power consumption to 4.88 µW with VDD = 3.3 V @ 1 SPS.


Similar Part No. - ADT7301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADT7301 TI-ADT7301 Datasheet
286Kb / 16P
13-bit temperature-to-digital converter ??0째C to 150째C operating temperature range 짹0.5째C typical accuracy
logo
Analog Devices
ADT7301 AD-ADT7301 Datasheet
319Kb / 17P
13-Bit, Digital Temperature Sensor
Rev. B
ADT7301ARMZ AD-ADT7301ARMZ Datasheet
286Kb / 16P
짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
ADT7301ARMZ AD-ADT7301ARMZ Datasheet
319Kb / 17P
13-Bit, Digital Temperature Sensor
Rev. B
ADT7301ARMZ-REEL7 AD-ADT7301ARMZ-REEL7 Datasheet
286Kb / 16P
짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
More results

Similar Description - ADT7301

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
AD7814 AD-AD7814 Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7414 AD-AD7414_15 Datasheet
368Kb / 20P
0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
2C Accurate, Micropower Digital Temperature Sensor
Rev. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. C
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com