Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM4E Datasheet (PDF) - ATMEL Corporation

SAM4E Datasheet PDF - ATMEL Corporation
Part # SAM4E
Download  SAM4E Download
File Size   3564.92 Kbytes
Page   40 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SAM4E Microcontrollers

SAM4E Datasheet (PDF)

Go To PDF Page Download Datasheet
SAM4E Datasheet PDF - ATMEL Corporation

Part # SAM4E
Download  SAM4E Click to download

File Size   3564.92 Kbytes
Page   40 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SAM4E Microcontrollers

SAM4E Datasheet (HTML) - ATMEL Corporation


SAM4E Product details

Features List
The main board components and interfaces:
 SAM4E16 chip BGA144 package with optional socket footprint
 12MHz crystal
 32.768kHz crystal
 Optional SMB connector for external system clock input
 NAND Flash
 2.8 inch TFT color LCD display with touch panel and backlight
 UART port with RS232 driver
 USART port with RS232 driver multiplexed with RS485 function with driver
 CAN port with driver
 Mono/stereo headphone jack output
 One Ethernet physical transceiver layer with RJ45 connector
 SD/MMC interface
 Reset button: NRST
 User buttons: WAKU, TAMP, Scroll-up, and Scroll-down
 QTouch® buttons: Left, Right, and Slider
 Full Speed USB device port
 JTAG/ICE port
 On-board power regulation
 Three user LEDs
 Power LED
 BNC connector for ADC input
 BNC connector for DAC output
 User potentiometer connected to the ADC input
 ZigBee® connector
 PIO connection interfaces (PIOA, PIOC and PIOD with 32-bit, PIOB with 16-bit, and PIOE with 6-
bit)




Similar Part No. - SAM4E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM4E ATMEL-SAM4E Datasheet
93Kb / 19P
AVR UC3 A0/A1 (revision H and later)
SAM4E ATMEL-SAM4E Datasheet
6Mb / 1461P
SMART ARM-based Flash MCU
SAM4E16C ATMEL-SAM4E16C Datasheet
6Mb / 1461P
SMART ARM-based Flash MCU
SAM4E16E ATMEL-SAM4E16E Datasheet
6Mb / 1461P
SMART ARM-based Flash MCU
SAM4E8C ATMEL-SAM4E8C Datasheet
6Mb / 1461P
SMART ARM-based Flash MCU
More results


Similar Description - SAM4E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com