Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH455 Datasheet (PDF) - List of Unclassifed Manufacturers

CH455 Datasheet PDF - List of Unclassifed Manufacturers
Part # CH455
Download  CH455 Download
File Size   191.02 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LED drive and keyboard control chip

CH455 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH455 Datasheet PDF - List of Unclassifed Manufacturers

Part # CH455
Download  CH455 Click to download

File Size   191.02 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LED drive and keyboard control chip

CH455 Datasheet (HTML) - List of Unclassifed Manufacturers


CH455 Product details

2. Features
● Set display current drive layer internally, the current of segment is no less than 25mA, the
current of word is no less than 160mA.
● Display scan control dynamically, support 8×4 or 7×4, directly drive four bits number LED or
thirty two LEDs.
● Internal limit current, set eight level light control via space percentage.
● Set 28-key keyboard control, based on 7×4 matrix scan..
● Set pull-down resistor internal while key-press, glitter removable.
● Supply keyboard interrupt active with low-level, and supply key-press release token to check
the key is pressed or release.
● High speed two wires serial interface, the speed of clock varies from 0 to 4MHz, compatible
with I2C bus, save pins.
● Set turn on power to reset, 2.7V~5V power.
● Support low exhaust sleep mode to save energy, awoke via press key or command.
● Set clock surge circuit internally, the external clock or surge equipment is not necessary, resister
to be disturbed.
● Supply DIP18, SOP18 and SOP16 package without lead, compatible with RoHS, the function
and pins are part compatible with CH450 .




Similar Part No. - CH455

ManufacturerPart #DatasheetDescription
logo
Nanjing Qinheng Microel...
CH455 WCH-CH455 Datasheet
192Kb / 9P
DIgItal Drive and Keyboard Controlled Chip
CH455G WCH-CH455G Datasheet
192Kb / 9P
DIgItal Drive and Keyboard Controlled Chip
CH455H WCH-CH455H Datasheet
192Kb / 9P
DIgItal Drive and Keyboard Controlled Chip
CH455K WCH-CH455K Datasheet
192Kb / 9P
DIgItal Drive and Keyboard Controlled Chip
More results


Similar Description - CH455

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
LK1623 LINKAGE-LK1623 Datasheet
5Mb / 13P
LED drive control chip
LK1628 LINKAGE-LK1628 Datasheet
6Mb / 13P
LED drive control chip
logo
Nanjing Qinheng Microel...
CH451 WCH-CH451 Datasheet
282Kb / 19P
Digital Drive and Keyboard Controlled Chip
CH452 WCH-CH452 Datasheet
342Kb / 23P
DIgItal Drive and Keyboard Controlled Chip
CH453 WCH-CH453 Datasheet
160Kb / 7P
16 bit digital tube drive and keyboard control chip
CH454 WCH-CH454 Datasheet
215Kb / 12P
16 - section digital tube drive and keyboard control chip
CH455 WCH-CH455 Datasheet
192Kb / 9P
DIgItal Drive and Keyboard Controlled Chip
CH456 WCH-CH456 Datasheet
184Kb / 7P
16 bit digital tube drive and keyboard control chip
logo
Shenzhen Huazhimei Semi...
HM1650 HMSEMI-HM1650 Datasheet
514Kb / 7P
LED Drive Control/Keyboard Scan Specific Integrated Circuit
logo
List of Unclassifed Man...
FD650 ETC2-FD650 Datasheet
197Kb / 7P
LED drive control/keyboard scanning ASIC FD650
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com