Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD650 Datasheet (PDF) - List of Unclassifed Manufacturers

FD650 Datasheet PDF - List of Unclassifed Manufacturers
Part # FD650
Download  FD650 Download
File Size   197.47 Kbytes
Page   7 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description LED drive control/keyboard scanning ASIC FD650

FD650 Datasheet (PDF)

Go To PDF Page Download Datasheet
FD650 Datasheet PDF - List of Unclassifed Manufacturers

Part # FD650
Download  FD650 Click to download

File Size   197.47 Kbytes
Page   7 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description LED drive control/keyboard scanning ASIC FD650

FD650 Datasheet (HTML) - List of Unclassifed Manufacturers


FD650 Product details

I. Overview
FD650 is a special circuit for LED drive control with keyboard scanning circuit interface. Integrated with MCU input Output control circuits such as digital interface, data latch, LED drive, keyboard scanning, and brightness adjustment.
This chip Stable performance, reliable quality, strong anti-interference ability, suitable for 24-hour long-term continuous work applications.

2. Feature Description
• Display mode: 8 segments x 4 digits
• Segment drive current not less than 25mA, word drive current not less than 150mA
• Provide 8 levels of brightness control
• Keyboard scan: 7×4bit
• High-speed two-wire serial interface
• Built-in clock oscillation circuit
• Built-in power-on reset circuit
• Support 3V-5.5V power supply voltage
• Available in DIP16 (FD650K) and SOP16 (FD650S) packages




Similar Part No. - FD650

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD650R17IE4 INFINEON-FD650R17IE4 Datasheet
1Mb / 9P
Technische Information / Technical Information
2013-11-05 revision:2.1
FD650R17IE4D_B2 INFINEON-FD650R17IE4D_B2 Datasheet
2Mb / 9P
PrimePACK2 module and NTC
2011-03-04 revision:2.1
More results


Similar Description - FD650

ManufacturerPart #DatasheetDescription
logo
Shenzhen Putianhe Techn...
TA1671 PTH-TA1671 Datasheet
281Kb / 7P
PantIng drive control LED special drive control IC
logo
SHENZHEN FUMAN ELECTRON...
TC4973 FUMAN-TC4973 Datasheet
172Kb / 6P
LED large screen scanning blanking control circuit
logo
Nanjing Qinheng Microel...
CH453 WCH-CH453 Datasheet
160Kb / 7P
16 bit digital tube drive and keyboard control chip
CH454 WCH-CH454 Datasheet
215Kb / 12P
16 - section digital tube drive and keyboard control chip
CH456 WCH-CH456 Datasheet
184Kb / 7P
16 bit digital tube drive and keyboard control chip
logo
SHENZHEN FUMAN ELECTRON...
TC7558N FUMAN-TC7558N Datasheet
510Kb / 5P
8-channel LED large-screen scanning blanking control circuit
logo
Shenzhen Huazhimei Semi...
HM1650 HMSEMI-HM1650 Datasheet
514Kb / 7P
LED Drive Control/Keyboard Scan Specific Integrated Circuit
HM1618 HMSEMI-HM1618 Datasheet
353Kb / 11P
LED drive control circuit with a keyboard scan interface
logo
List of Unclassifed Man...
CH455 ETC-CH455 Datasheet
191Kb / 12P
LED drive and keyboard control chip
logo
Guangdong Youtai Semico...
ET6226M UMW-ET6226M Datasheet
1Mb / 6P
LED driver control/keyboard scanning ASIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com