Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD650 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FD650
Description  LED drive control/keyboard scanning ASIC FD650
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD650 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FD650 Datasheet HTML 1Page - List of Unclassifed Manufacturers FD650 Datasheet HTML 2Page - List of Unclassifed Manufacturers FD650 Datasheet HTML 3Page - List of Unclassifed Manufacturers FD650 Datasheet HTML 4Page - List of Unclassifed Manufacturers FD650 Datasheet HTML 5Page - List of Unclassifed Manufacturers FD650 Datasheet HTML 6Page - List of Unclassifed Manufacturers FD650 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
集成电路 FD650
3
电气特性(测试条件:Ta = 25℃,VCC =5V)
参
数
符 号
最 小
典 型
最 大
单 位
电源电压
VCC
3
5
5.5
V
电源电流
IC
0.2
80
150
mA
静态电流(CLK、DAT、KP为高电平)
ICs
0.3
0.6
mA
睡眠电流(CLK、DAT、KP为高电平)
ICslp
0.05
0.1
mA
CLK和DAT引脚低电平输入电压
VIL
-0.5
0.8
V
CLK和DAT引脚高电平输入电压
VIH
2.0
VCC+0.5
V
KI引脚低电平输入电压
VILki
-0.5
0.5
V
KI引脚高电平输入电压
VIHki
1.8
-
VCC+0.5
V
DIG引脚低电平输出电压(-200mA)
VOLdig
1.2
V
DIG引脚低电平输出电压(-100mA)
VOLdig
-
-
0.8
V
DIG引脚高电平输出电压(5mA)
VOHdig
4.5
V
KI引脚低电平输出电压(-20mA)
VOLki
0.5
V
KI引脚低电平输出电压(20mA)
VOHki
4.5
V
其余引脚低电平输出电压(-4mA)
VOL
0.5
V
其余引脚高电平输出电压(4mA)
VOH
4.5
V
KI引脚输入下拉电流
IDN1
-30
-50
-90
uA
CLK引脚输入上拉电流
IUP1
10
200
300
uA
DAT引脚输入上拉电流
IUP2
150
300
400
uA
KP引脚输出上拉电流
IUP3
500
2000
5000
uA
上电复位的默认电压门限
VR
2.3
2.6
2.9
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com