Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD650 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FD650
Description  LED drive control/keyboard scanning ASIC FD650
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD650 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FD650 Datasheet HTML 1Page - List of Unclassifed Manufacturers FD650 Datasheet HTML 2Page - List of Unclassifed Manufacturers FD650 Datasheet HTML 3Page - List of Unclassifed Manufacturers FD650 Datasheet HTML 4Page - List of Unclassifed Manufacturers FD650 Datasheet HTML 5Page - List of Unclassifed Manufacturers FD650 Datasheet HTML 6Page - List of Unclassifed Manufacturers FD650 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
集成电路 FD650
2
四、管脚功能说明
符 号
管脚名称
说
明
DIG1~
DIG4
位/键扫描输出
LED位驱动输出,低电平有效, 及作为键盘扫描输出,高电
平有效
DAT
数据输入/输出
2线串行接口的数据输入输出。为内置上拉开漏模式。
CLK
时钟输入
2线串行接口的数据时钟输入,内置上拉电阻
A/KI1~
G/KI7
段驱动输出/键
扫描输入
LED段驱动输出,高电平有效,也用作键扫描输入,高电平有
效,内置下拉
DP/KP
段/位输出
LED段输出,也用作键盘标志输出
VCC
电源端
3-5.5V
GND
接地端
接地
五、主要电气参数
极限参数(Ta = 25℃)
参
数
符 号
范 围
单 位
电源电压
VCC
-0.5 ~ +6.5
V
输入电压
VI1
-0.5 ~ VCC + 0.5
V
LED 段驱动输出电流
IO1
0 ~ 30
mA
LED 位驱动输出电流
IO2
0 ~ 150
mA
所有引脚驱动电流总和
IO
0 ~ 150
mA
工作温度
Topt
-40 ~ +85
℃
储存温度
Tstg
-55 ~ +125
℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com