Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4054 Datasheet (PDF) - List of Unclassifed Manufacturers

LP4054 Datasheet PDF - List of Unclassifed Manufacturers
Part # LP4054
Download  LP4054 Download
File Size   561.62 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT

LP4054 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP4054 Datasheet PDF - List of Unclassifed Manufacturers

Part # LP4054
Download  LP4054 Click to download

File Size   561.62 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT

LP4054 Datasheet (HTML) - List of Unclassifed Manufacturers


LP4054 Product details

Description
The LP4054 is a complete constant-current/constantvoltage
linear charger for single cell lithium-ion batteries.
Its ThinSOT package and low external component
count make the LP4054 ideally suited for portable
applications. Furthermore, the LP4054 is specifically
designed to work within USB power specifications.
No external sense resistor is needed, and no blocking
diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge
current to limit the die temperature during high power
operation or high ambient temperature. The charge
voltage is fixed at 4.2V, and the charge current can be
programmed externally with a single resistor. The
LP4054 automatically terminates the charge cycle when
the charge current drops to 1/10th the programmed
value after the final float voltage is reached. When the
input supply (wall adapter or USB supply) is removed,
the LP4054 automatically enters a low current state,
dropping the battery drain current to less than 2μA. The
LP4054 can be put into shutdown mode, reducing he
supply current to 25μA.Other features include charge
current monitor, undervoltage lockout, automatic
recharge and a status pin to indicate charge termination
and the presence of an input voltage.

Features
Programmable Charge Current Up to 800mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Complete Linear Charger in ThinSOT
Package for
Single Cell Lithium-ion Batteries
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize Charge
Rate Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly
from USB Port
Preset 4.2V Charge Voltage with ± 1% Accuracy
Charge Current Monitor Output for Gas
Gauging
Automatic Recharge
Soft-Start Limits Inrush Current
Available in 5-Lead SOT-23 Package
2.9V Trickle Charge Threshold
C/10 Charge Termination
25mA Supply Current in Shutdown
2.9V Trickle Charge Threshold

Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
Charging Docks and Cradles
Bluetooth Applications




Similar Part No. - LP4054

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP4054 POWER-LP4054 Datasheet
458Kb / 7P
500mA Standalone Linear Li-Ion Battery Charger
Aug.-2017
LP4054B5F POWER-LP4054B5F Datasheet
458Kb / 7P
500mA Standalone Linear Li-Ion Battery Charger
Aug.-2017
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4054HB5F POWER-LP4054HB5F Datasheet
354Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4054HB6F POWER-LP4054HB6F Datasheet
354Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
More results


Similar Description - LP4054

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com