Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4054 Datasheet (PDF) - Lowpower Semiconductor inc

LP4054 Datasheet PDF - Lowpower Semiconductor inc
Part # LP4054
Download  LP4054 Download
File Size   458.14 Kbytes
Page   7 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 500mA Standalone Linear Li-Ion Battery Charger

LP4054 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP4054 Datasheet PDF - Lowpower Semiconductor inc

Part # LP4054
Download  LP4054 Click to download

File Size   458.14 Kbytes
Page   7 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 500mA Standalone Linear Li-Ion Battery Charger

LP4054 Datasheet (HTML) - Lowpower Semiconductor inc


LP4054 Product details

General Description
The LP4054 is a complete constant-current/constant- voltage
linear charger for single cell lithium-ion batteries. Its SOT23-5
package and low external component count make the LP4054
ideally suited for portable applications. Furthermore, the
LP4054 is specifically designed to work within USB power
specifications. No external sense resistor is needed, and no
blocking diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge current to
limit the die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V, and
the charge current can be programmed externally with a single
resistor. The LP4054 automatically terminates the charge cycle
when the charge current drops to 1/10th the programmed value
after the final float voltage is reached. When the input supply
(wall adapter or USB supply) is removed, the LP4054
automatically enters a low current state, dropping the battery
drain current to less than 1μA. Other features include charge
current monitor, automatic recharge and a status pin to indicate
charge termination and the presence of an input voltage.

Applications
 Portable Media Players/MP3 players
 Cellular and Smart mobile phone
 PDA/DSC
 Bluetooth Applications

Features
 Programmable Charge Current Up to 500mA
 No MOSFET, Sense Resistor or Blocking Diode Required
 Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize
 Charge Rate Without Risk of Overheating
 4.2V Charge Voltage with ± 1% Accuracy
 Charge Current Monitor Output for Gas Gauging
 Automatic Recharge
 2.9V Trickle Charge Threshold
 C/10 Charge Termination
 Output OCP
 Charging OTP
 Package in SOT23-5




Similar Part No. - LP4054

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
LP4054B5F ETC-LP4054B5F Datasheet
561Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
logo
Lowpower Semiconductor ...
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4054HB5F POWER-LP4054HB5F Datasheet
354Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4054HB6F POWER-LP4054HB6F Datasheet
354Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
More results


Similar Description - LP4054

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8057 SHOUDING-SD8057 Datasheet
1Mb / 12P
500mA Linear Li-Ion Battery Charger
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
logo
Shenzhen Tuofeng Semico...
TF4054A TUOFENG-TF4054A Datasheet
1Mb / 8P
500mA Linear Li-Ion Battery Charger
Dec,2019 V2.3
TF4057 TUOFENG-TF4057 Datasheet
1Mb / 8P
500mA Linear Li-Ion Battery Charger
Apr,2020 V1.4
logo
TECH PUBLIC Electronics...
TP4057 TECHPUBLIC-TP4057 Datasheet
4Mb / 6P
500mA Linear Li-Ion Battery Charger
2021.06.15
TP4057S6 TECHPUBLIC-TP4057S6 Datasheet
4Mb / 6P
500mA Linear Li-Ion Battery Charger
2021.6.15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com