Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F062 Datasheet (PDF) - Silicon Laboratories

C8051F062 Datasheet PDF - Silicon Laboratories
Part # C8051F062
Download  C8051F062 Download
File Size   6002.29 Kbytes
Page   330 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 8K ISP FLASH MCU Family

C8051F062 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F062 Datasheet PDF - Silicon Laboratories

Part # C8051F062
Download  C8051F062 Click to download

File Size   6002.29 Kbytes
Page   330 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 8K ISP FLASH MCU Family

C8051F062 Datasheet (HTML) - Silicon Laboratories


C8051F062 Product details

1.1.3. Additional Features
The C8051F06x MCU family includes several key enhancements to the CIP-51 core and peripherals to
improve overall performance and ease of use in end applications.
The extended interrupt handler provides 22 interrupt sources into the CIP-51, allowing the numerous analog and digital peripherals to interrupt the controller. An interrupt driven system requires less intervention by the MCU, giving it more effective throughput. The extra interrupt sources are very useful when building multi-tasking, real-time systems.
There are up to seven reset sources for the MCU: an on-board VDD monitor, a Watchdog Timer, a missing
clock detector, a voltage level detection from Comparator0, a forced software reset, the CNVSTR2 input
pin, and the /RST pin. The /RST pin is bi-directional, accommodating an external reset, or allowing the
internally generated POR to be output on the /RST pin. Each reset source except for the VDD monitor and
Reset Input pin may be disabled by the user in software; the VDD monitor is enabled/disabled via the
MONEN pin. The Watchdog Timer may be permanently enabled in software after a power-on reset during
MCU initialization.
The MCU has an internal, stand alone clock generator which is used by default as the system clock after
any reset. If desired, the clock source may be switched on the fly to the external oscillator, which can use a crystal, ceramic resonator, capacitor, RC, or external clock source to generate the system clock. This can be extremely useful in low power applications, allowing the MCU to run from a slow (power saving) external crystal source, while periodically switching to the fast (up to 25 MHz) internal oscillator as needed.




Similar Part No. - C8051F062

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F062 SILABS-C8051F062 Datasheet
433Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F062 SILABS-C8051F062 Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F062-GQ SILABS-C8051F062-GQ Datasheet
433Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
More results


Similar Description - C8051F062

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F02X SILABS-C8051F02X Datasheet
4Mb / 272P
8K ISP FLASH MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F021-GQR SILABS-C8051F021-GQR Datasheet
1Mb / 272P
8K ISP FLASH MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F040 SILABS-C8051F040_V01 Datasheet
5Mb / 320P
8K ISP FLASH MCU Family
Rev. 1.7
C8051F120 SILABS-C8051F120_V01 Datasheet
6Mb / 350P
8K ISP FLASH MCU Family
Rev. 1.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com