Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F062 Datasheet (PDF) - Silicon Laboratories

C8051F062 Datasheet PDF - Silicon Laboratories
Part # C8051F062
Download  C8051F062 Download
File Size   433.51 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU

C8051F062 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F062 Datasheet PDF - Silicon Laboratories

Part # C8051F062
Download  C8051F062 Click to download

File Size   433.51 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU

C8051F062 Datasheet (HTML) - Silicon Laboratories


C8051F062 Product details

System Overview

The C8051F06x family of devices are fully integrated mixed-signal System-on-a-Chip MCUs with 59 digital I/O pins (C8051F060/2/4/6) or 24 digital I/O pins (C8051F061/3/5/7), and two integrated 16-bit 1 Msps ADCs. Highlighted features are listed below; refer to Table 1.1 for specific product feature selection.



• High-Speed pipelined 8051-compatible CIP-51 microcontroller core (up to 25 MIPS)

• Two 16-bit 1 Msps ADCs with a Direct Memory Access controller

• Controller Area Network (CAN 2.0B) Controller with 32 message objects, each with its own indentifier mask (C8051F060/1/2/3)

• In-system, full-speed, non-intrusive debug interface on-chip

• 10-bit 200 ksps ADC with PGA and 8-channel analog multiplexer (C8051F060/1/2/3)

• Two 12-bit DACs with programmable update scheduling (C8051F060/1/2/3)

• 64 kB (C8051F060/1/2/3/4/5) or 32 kB (C8051F066/7) of in-system programmable Flash memory

• 4352 (4096 + 256) bytes of on-chip RAM

• External Data Memory Interface with 64 kB direct address space (C8051F060/2/4/6)

• SPI, SMBus/I2C, and (2) UART serial interfaces implemented in hardware

• Five general purpose 16-bit Timers

• Programmable Counter/Timer Array with six capture/compare modules

• On-chip Watchdog Timer, VDD Monitor, and Temperature Sensor



Analog Peripherals

- Two 16-Bit SAR ADCs

   • 16-bit resolution

   • ±0.75 LSB INL, guaranteed no missing codes

   • Programmable throughput up to 1 Msps

   • Operate as two single-ended or one differential con verter

   • Direct memory access; data stored in RAM without software overhead

   • Data-dependent windowed interrupt generator

- 10-bit SAR ADC (C8051F060/1/2/3)

   • Programmable throughput up to 200 ksps

   • 8 external inputs, single-ended or differential

   • Built-in temperature sensor

- Two 12-bit DACs (C8051F060/1/2/3)

   • Can synchronize outputs to timers for jitter-free wave form generation

- Three Analog Comparators

   • Programmable hysteresis/response time

- Voltage Reference

- Precision VDD Monitor/Brown-Out Detector



On-Chip JTAG Debug & Boundary Scan

- On-chip debug circuitry facilitates full-speed, nonintrusive in-circuit/in-system debugging

- Provides breakpoints, single-stepping, watchpoints, stack monitor; inspect/modify memory and registers

- Superior performance to emulation systems using ICE-chips, target pods, and sockets

- IEEE1149.1 compliant boundary scan

- Complete development kit



High Speed 8051 µC Core

- Pipelined instruction architecture; executes 70% of instruction set in 1 or 2 system clocks

- Up to 25 MIPS throughput with 25 MHz clock

- Flexible Interrupt sources



Memory

- 4352 Bytes internal data RAM (4 k + 256)

- 64 kB (C8051F060/1/2/3/4/5), 32 kB (C8051F066/7) Flash; In-system programmable in 512-byte sectors

- External 64 kB data memory interface with multiplexed and non-multiplexed modes (C8051F060/2/4/6)



Digital Peripherals

- 59 general purpose I/O pins (C8051F060/2/4/6)

- 24 general purpose I/O pins (C8051F061/3/5/7)

- Bosch Controller Area Network (CAN 2.0B - C8051F060/1/2/3)

- Hardware SMBus™ (I2C™ Compatible), SPI™, and two UART serial ports available concurrently

- Programmable 16-bit counter/timer array with 6 capture/compare modules

- 5 general purpose 16-bit counter/timers

- Dedicated watchdog timer; bi-directional reset pin



Clock Sources

- Internal calibrated precision oscillator: 24.5 MHz

- External oscillator: Crystal, RC, C, or clock

   Supply Voltage .......................... 2.7 to 3.6 V

- Multiple power saving sleep and shutdown modes

100-Pin and 64-Pin TQFP Packages Available Temperature Range: -40 to +85 °C



 




Similar Part No. - C8051F062

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F062 SILABS-C8051F062 Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F062 SILABS-C8051F062 Datasheet
5Mb / 330P
8K ISP FLASH MCU Family
Rev. 1.3
More results


Similar Description - C8051F062

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F018 SILABS-C8051F018 Datasheet
420Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F040 SILABS-C8051F040 Datasheet
435Kb / 2P
25 MIPS, 64 kB Flash, 12-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F044 SILABS-C8051F044 Datasheet
438Kb / 2P
25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F060 SILABS-C8051F060 Datasheet
434Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F061 SILABS-C8051F061 Datasheet
430Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F063 SILABS-C8051F063 Datasheet
429Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F064 SILABS-C8051F064 Datasheet
180Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F065 SILABS-C8051F065 Datasheet
195Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F067 SILABS-C8051F067 Datasheet
195Kb / 2P
25 MIPS, 32 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F060-GQR SILABS-C8051F060-GQR Datasheet
442Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com