Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F018 Datasheet (PDF) - Silicon Laboratories

C8051F018 Datasheet PDF - Silicon Laboratories
Part # C8051F018
Download  C8051F018 Download
File Size   420.39 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU

C8051F018 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F018 Datasheet PDF - Silicon Laboratories

Part # C8051F018
Download  C8051F018 Click to download

File Size   420.39 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU

C8051F018 Datasheet (HTML) - Silicon Laboratories


C8051F018 Product details

Analog Peripherals
    10-Bit ADC
        - ±1 LSB INL; no missing codes
        - Programmable throughput up to 100 ksps
        - 8 external inputs; programmable as single-ended or differential
        - Data-dependent windowed interrupt generator
        - Built-in temperature sensor (±3 °C)
    Two Comparators
        - 16 programmable hysteresis values
        - Configurable to generate interrupts or reset
    Internal Voltage Reference
    VDD Monitor/Brown-out Detector
On-Chip JTAG Debug & Boundary Scan
    - On-chip debug circuitry facilitates full speed, non-intrusive in-system debug (no emulator required)
    - Provides breakpoints, single stepping, watchpoints, stack monitor
    - Inspect/modify memory and registers
    - Superior performance to emulation systems using ICE-chips, target pods, and sockets
    - IEEE1149.1 compliant boundary scan
Supply Voltage: 2.8 to 3.6 V
    - Typical operating current: 12.5 mA at 25 MHz
    - Multiple power saving sleep and shutdown modes
Temperature Range: –40 to +85 °C
High-Speed 8051 µC Core
    - Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks
    - Up to 25 MIPS throughput with 25 MHz system clock
    - Expanded interrupt handler
Memory
    - 1280 bytes data RAM
    - 16 kB Flash; in system programmamble in 512-byte sectors (512 bytes are reserved)
Digital Peripherals
    - 32 port I/O; all are 5 V tolerant
    - Hardware SMBus™ (I2C™ compatible), SPI™, and UART serial ports available concurrently
    - Programmable 16-bit counter/timer array with five capture/compare modules
    - 4 general-purpose 16-bit counter/timers
    - Dedicated watchdog timer; bidirectional reset
Clock Sources
    - Internal programmable oscillator: 2–16 MHz
    - External oscillator: Crystal, RC, C, or Clock
    - Can switch between clock sources on-the-fly
Package
    - 64-pin TQFP (standard lead and lead-free packages)
Ordering Part Numbers
    - Lead-free package: C8051F018-GQ
    - Standard package: C8051F018




Similar Part No. - C8051F018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F018 ETC-C8051F018 Datasheet
42Kb / 2P
C8051F018 16K Flash, 1.25K RAM, 10-Bit ADC, 64-Pin MCU
logo
Silicon Laboratories
C8051F018 SILABS-C8051F018 Datasheet
2Mb / 154P
Mixed-Signal 16KB ISP FLASH MCU Family
Rev. 1.2
C8051F018-GQR SILABS-C8051F018-GQR Datasheet
2Mb / 154P
Mixed-Signal 16KB ISP FLASH MCU Family
Rev. 1.2
C8051F018 SILABS-C8051F018_V01 Datasheet
2Mb / 154P
Mixed-Signal 16KB ISP FLASH MCU Family
Rev. 1.2
More results


Similar Description - C8051F018

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F023 SILABS-C8051F023 Datasheet
194Kb / 2P
25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F043 SILABS-C8051F043 Datasheet
418Kb / 2P
25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F045 SILABS-C8051F045 Datasheet
410Kb / 2P
25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F061 SILABS-C8051F061 Datasheet
430Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F062 SILABS-C8051F062 Datasheet
433Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F063 SILABS-C8051F063 Datasheet
429Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F065 SILABS-C8051F065 Datasheet
195Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F067 SILABS-C8051F067 Datasheet
195Kb / 2P
25 MIPS, 32 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F060-GQR SILABS-C8051F060-GQR Datasheet
442Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F700 SILABS-C8051F700_14 Datasheet
37Kb / 2P
25 MIPS, 15 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com