Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F018 Datasheet (PDF) - List of Unclassifed Manufacturers

C8051F018 Datasheet PDF - List of Unclassifed Manufacturers
Part # C8051F018
Download  C8051F018 Download
File Size   42.45 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description C8051F018 16K Flash, 1.25K RAM, 10-Bit ADC, 64-Pin MCU

C8051F018 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F018 Datasheet PDF - List of Unclassifed Manufacturers

Part # C8051F018
Download  C8051F018 Click to download

File Size   42.45 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description C8051F018 16K Flash, 1.25K RAM, 10-Bit ADC, 64-Pin MCU

C8051F018 Datasheet (HTML) - List of Unclassifed Manufacturers


C8051F018 Product details

[CYGNAL]



ANALOG PERIPHERALS

10-bit ADC

   - ±1LSB INL; No Missing Codes

   - Programmable Throughput up to 100ksps

   - 8 External Inputs; Differential or Single-Ended mode

   - Data Dependent Windowed Interrupt Generator

   - Built-in Temperature Sensor (± 3°C)

Two Comparators

   - 16 Programmable Hysteresis Values

   - Configurable to Generate Interrupts or Reset

Internal Voltage Reference

Precision VDD Monitor/Brown-out Detector



ON-CHIP JTAG DEBUG & BOUNDRY SCAN

   - On-Chip Debug Circuitry Facilitates Full Speed, Non-Intrusive In-System Debug (No Emulator Required!)

   - Provides Breakpoints, Single Stepping, Watchpoints, Stack Monitor

   - Inspect/Modify Memory and Registers

   - Superior Performance to Emulation Systems Using ICE Chips, Target Pods, and Sockets

   - IEEE1149.1 Compliant Boundary Scan

   - Low Cost, Complete Development Kit

HIGH SPEED 8051 µC CORE

   - Pipe-lined Instruction Architecture; Executes 70% of Instructions in 1 or 2 System Clocks

   - Up to 25MIPS Throughput with 25MHz System Clock

   - Expanded Interrupt Handler

MEMORY

   - 1280 Bytes Internal Data RAM (256 + 1k)

   - 16k Bytes In-System Programmable FLASH Program Memory

DIGITAL PERIPHERALS

   - 32 Port I/O; All are 5V tolerant

   - Hardware SMBusTM (I2CTM Compatible), SPITM, and UART Serial Ports Available Concurrently

   - Programmable 16-bit Counter/Timer Array with Five

Capture/Compare Modules

   - Four General Purpose 16-bit Counter/Timers

   - Dedicated Watch-Dog Timer; Bi-directional Reset

CLOCK SOURCES

   - Internal Programmable Oscillator: 2-to-16MHz

   - External Oscillator: Crystal, RC, C, or Clock

SUPPLY VOLTAGE ....................................2.8V to 3.6V

   - Typical Operating Current: 12.5mA @ 25MHz

   - Multiple Power Saving Sleep and Shutdown Modes

64-Pin TQFP

Temperature Range: –40°C to +85°C



 




Similar Part No. - C8051F018

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F018 SILABS-C8051F018 Datasheet
420Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F018 SILABS-C8051F018 Datasheet
2Mb / 154P
Mixed-Signal 16KB ISP FLASH MCU Family
Rev. 1.2
C8051F018-GQ SILABS-C8051F018-GQ Datasheet
420Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F018-GQR SILABS-C8051F018-GQR Datasheet
2Mb / 154P
Mixed-Signal 16KB ISP FLASH MCU Family
Rev. 1.2
C8051F018 SILABS-C8051F018_V01 Datasheet
2Mb / 154P
Mixed-Signal 16KB ISP FLASH MCU Family
Rev. 1.2
More results


Similar Description - C8051F018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F236 ETC-C8051F236 Datasheet
166Kb / 2P
8K Flash, 1.25K RAM, 48-Pin MCU
C8051F019 ETC-C8051F019 Datasheet
41Kb / 2P
16K Flash, 1.25K RAM, 10-Bit ADC, 48-Pin MCU
logo
Silicon Laboratories
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F018 SILABS-C8051F018 Datasheet
420Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F023 SILABS-C8051F023 Datasheet
194Kb / 2P
25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F043 SILABS-C8051F043 Datasheet
418Kb / 2P
25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F044 SILABS-C8051F044 Datasheet
438Kb / 2P
25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F045 SILABS-C8051F045 Datasheet
410Kb / 2P
25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F133 SILABS-C8051F133 Datasheet
178Kb / 2P
100 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F700 SILABS-C8051F700_14 Datasheet
37Kb / 2P
25 MIPS, 15 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com