Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F019 Datasheet (PDF) - List of Unclassifed Manufacturers

C8051F019 Datasheet PDF - List of Unclassifed Manufacturers
Part # C8051F019
Download  C8051F019 Download
File Size   41.37 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16K Flash, 1.25K RAM, 10-Bit ADC, 48-Pin MCU

C8051F019 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F019 Datasheet PDF - List of Unclassifed Manufacturers

Part # C8051F019
Download  C8051F019 Click to download

File Size   41.37 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16K Flash, 1.25K RAM, 10-Bit ADC, 48-Pin MCU

C8051F019 Datasheet (HTML) - List of Unclassifed Manufacturers


C8051F019 Product details

[CYGNAL]

ANALOG PERIPHERALS
10-bit ADC
    - ±1LSB INL; No Missing Codes
    - Programmable Throughput up to 100ksps
    - 8 External Inputs; Differential or Single-Ended mode
    - Data Dependent Windowed Interrupt Generator
    - Built-in Temperature Sensor (± 3°C)
Two Comparators
    - 16 Programmable Hysteresis Values
    - Configurable to Generate Interrupts or Reset
Internal Voltage Reference
Precision VDD Monitor/Brown-out Detector

ON-CHIP JTAG DEBUG & BOUNDRY SCAN
- On-Chip Debug Circuitry Facilitates Full Speed, Non-Intrusive In-System Debug (No Emulator Required!)
- Provides Breakpoints, Single Stepping, Watchpoints, Stack Monitor
- Inspect/Modify Memory and Registers
- Superior Performance to Emulation Systems Using ICEChips, Target Pods, and Sockets
- IEEE1149.1 Compliant Boundary Scan
- Low Cost, Complete Development Kit

HIGH SPEED 8051 µC CORE
- Pipe-lined Instruction Architecture; Executes 70% of Instructions in 1 or 2 System Clocks
- Up to 25MIPS Throughput with 25MHz System Clock
- Expanded Interrupt Handler

MEMORY
- 1280 Bytes Internal Data RAM (256 + 1k)
- 16k Bytes In-System Programmable FLASH Program Memory

DIGITAL PERIPHERALS
- 16 Port I/O; All are 5V tolerant
- Hardware SMBusTM (I2CTM Compatible), SPITM, and UART Serial Ports Available Concurrently
- Programmable 16-bit Counter/Timer Array with Five Capture/Compare Modules
- Four General Purpose 16-bit Counter/Timers
- Dedicated Watch-Dog Timer; Bi-directional Reset

CLOCK SOURCES
- Internal Programmable Oscillator: 2-to-16MHz
- External Oscillator: Crystal, RC, C, or Clock

SUPPLY VOLTAGE ....................................2.8V to 3.6V
- Typical Operating Current: 12.5mA @ 25MHz
- Multiple Power Saving Sleep and Shutdown Modes

48-Pin TQFP
Temperature Range: –40°C to +85°C




Similar Part No. - C8051F019

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F019 SILABS-C8051F019 Datasheet
167Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F019 SILABS-C8051F019 Datasheet
2Mb / 154P
Mixed-Signal 16KB ISP FLASH MCU Family
Rev. 1.2
More results


Similar Description - C8051F019

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F018 ETC-C8051F018 Datasheet
42Kb / 2P
C8051F018 16K Flash, 1.25K RAM, 10-Bit ADC, 64-Pin MCU
C8051F230 ETC-C8051F230 Datasheet
165Kb / 2P
8K Flash, 256 RAM, 48-Pin MCU
C8051F236 ETC-C8051F236 Datasheet
166Kb / 2P
8K Flash, 1.25K RAM, 48-Pin MCU
C8051F302 ETC-C8051F302 Datasheet
37Kb / 2P
8KB Flash, 256 RAM, 8-Bit ADC, 11-Pin MCU
logo
Silicon Laboratories
C8051F011 SILABS-C8051F011 Datasheet
168Kb / 2P
20 MIPS, 32 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F016 SILABS-C8051F016 Datasheet
420Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F019 SILABS-C8051F019 Datasheet
167Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F220 SILABS-C8051F220 Datasheet
428Kb / 2P
25 MIPS, 8 kB Flash, 8-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F226 SILABS-C8051F226 Datasheet
430Kb / 2P
25 MIPS, 8 kB Flash, 8-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F340DK SILABS-C8051F340DK Datasheet
52Kb / 1P
USB, 48 MIPS, 64 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com