Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F019 Datasheet (PDF) - Silicon Laboratories

C8051F019 Datasheet PDF - Silicon Laboratories
Part # C8051F019
Download  C8051F019 Download
File Size   167.59 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 16 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU

C8051F019 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F019 Datasheet PDF - Silicon Laboratories

Part # C8051F019
Download  C8051F019 Click to download

File Size   167.59 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 16 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU

C8051F019 Datasheet (HTML) - Silicon Laboratories


C8051F019 Product details

Analog Peripherals
10-Bit ADC
    - ±1 LSB INL; no missing codes
    - Programmable throughput up to 100 ksps
    - 8 external inputs; programmable as single-ended or differential
    - Data-dependent windowed interrupt generator
    - Built-in temperature sensor (±3 °C)
Two Comparators
    - 16 programmable hysteresis values
    - Configurable to generate interrupts or reset
Internal Voltage Reference
VDD Monitor/Brown-out Detector

On-Chip JTAG Debug & Boundary Scan
- On-chip debug circuitry facilitates full speed, non-intrusive in-system debug (no emulator required)
- Provides breakpoints, single stepping, watchpoints, stack monitor
- Inspect/modify memory and registers
- Superior performance to emulation systems using ICE-chips, target pods, and sockets
- IEEE1149.1 compliant boundary scan

High-Speed 8051 µC Core
- Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks
- Up to 25 MIPS throughput with 25 MHz system clock
- Expanded interrupt handler

Memory
- 1280 bytes data RAM
- 16 kB Flash; in system programmamble in 512-byte sectors (512 bytes are reserved)

Digital Peripherals
- 16 port I/O; all are 5 V tolerant
- Hardware SMBus™ (I2C™ compatible), SPI™, and UART serial ports available concurrently
- Programmable 16-bit counter/timer array with five capture/compare modules
- 4 general-purpose 16-bit counter/timers
- Dedicated watchdog timer; bidirectional reset

Clock Sources
- Internal programmable oscillator: 2–16 MHz
- External oscillator: Crystal, RC, C, or Clock
- Can switch between clock sources on-the-fly

Supply Voltage: 2.8 to 3.6 V
- Typical operating current: 12.5 mA at 25 MHz
- Multiple power saving sleep and shutdown modes

48-Pin TQFP
Temperature Range: –40 to +85 °C




Similar Part No. - C8051F019

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F019 ETC-C8051F019 Datasheet
41Kb / 2P
16K Flash, 1.25K RAM, 10-Bit ADC, 48-Pin MCU
logo
Silicon Laboratories
C8051F019 SILABS-C8051F019 Datasheet
2Mb / 154P
Mixed-Signal 16KB ISP FLASH MCU Family
Rev. 1.2
More results


Similar Description - C8051F019

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F006 SILABS-C8051F006 Datasheet
412Kb / 2P
25 MIPS, 32 kB Flash, 12-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F016 SILABS-C8051F016 Datasheet
420Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F018 SILABS-C8051F018 Datasheet
420Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F206 SILABS-C8051F206 Datasheet
432Kb / 2P
25 MIPS, 8 kB Flash, 12-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F220 SILABS-C8051F220 Datasheet
428Kb / 2P
25 MIPS, 8 kB Flash, 8-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F226 SILABS-C8051F226 Datasheet
430Kb / 2P
25 MIPS, 8 kB Flash, 8-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F310 SILABS-C8051F310 Datasheet
164Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F311 SILABS-C8051F311 Datasheet
425Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 28-Pin Mixed-Signal MCU
C8051F316 SILABS-C8051F316 Datasheet
405Kb / 2P
25 MIPS, 16 kB Flash,10-Bit ADC, 24-Pin Mixed-Signal MCU
C8051F310-GQR SILABS-C8051F310-GQR Datasheet
172Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com