Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F206 Datasheet (PDF) - Silicon Laboratories

C8051F206 Datasheet PDF - Silicon Laboratories
Part # C8051F206
Download  C8051F206 Download
File Size   432.88 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 8 kB Flash, 12-Bit ADC, 48-Pin Mixed-Signal MCU

C8051F206 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F206 Datasheet PDF - Silicon Laboratories

Part # C8051F206
Download  C8051F206 Click to download

File Size   432.88 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 8 kB Flash, 12-Bit ADC, 48-Pin Mixed-Signal MCU

C8051F206 Datasheet (HTML) - Silicon Laboratories


C8051F206 Product details

Analog Peripherals
12-Bit ADC
- No missing codes
- Programmable throughput up to 100 ksps
- 32 external inputs (each port I/O can be configured as an ADC input on-the-fly)
- Programmable amplifier gain: 16, 8, 4, 2, 1, 0.5
- Data-dependent windowed interrupt generator
- VREF from external pin or VDD

Two comparators
- Programmable hysteresis
- Configurable to generate interrupts or reset

VDD Monitor and Brown-out Detector
On-Chip JTAG Debug
- On-chip emulation circuitry facilitates full-speed, non-intrusive, in-circuit emulation
- Supports breakpoints, single stepping, watchpoints, inspect/modify memory, and registers
- Superior performance to emulation systems using ICE-chips, target pods, and sockets
- Fully compliant with IEEE 1149.1 specification

Supply Voltage: 2.7 to 3.6 V
- Typical operating current: 9 mA at 25 MHz
- Typical stop mode current: <0.1 µA

Temperature Range: –40 to +85 °C
High-Speed 8051 µC Core
- Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks
- Up to 25 MIPS throughput with 25 MHz system clock
- Expanded interrupt handler; up to 21 interrupt sources

Memory
- 1280 bytes data RAM
- 8 kB Flash; in-system programmable in 512 byte sectors (512 bytes are reserved)

Digital Peripherals
- 32 port I/O; all are 5 V tolerant
- Hardware SPI™ and UART serial ports available concurrently
- 3 general-purpose 16-bit counter/timers
- Dedicated watchdog timer; bidirectional reset

Clock Sources
- Internal programmable oscillator: 2–16 MHz
- External oscillator: Crystal, RC, C, or Clock
- Can switch between clock sources on-the-fly

Package
- 48-pin TQFP (standard lead and lead-free packages)




Similar Part No. - C8051F206

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F220 SILABS-C8051F220 Datasheet
428Kb / 2P
25 MIPS, 8 kB Flash, 8-Bit ADC, 48-Pin Mixed-Signal MCU
logo
List of Unclassifed Man...
C8051F221 ETC-C8051F221 Datasheet
108Kb / 2P
Mixed-Signal 8KB ISP FLASH MCU
logo
Silicon Laboratories
C8051F221 SILABS-C8051F221 Datasheet
428Kb / 2P
25 MIPS, 8 kB Flash, 8-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F221-GQ SILABS-C8051F221-GQ Datasheet
428Kb / 2P
25 MIPS, 8 kB Flash, 8-Bit ADC, 32-Pin Mixed-Signal MCU
logo
List of Unclassifed Man...
C8051F226 ETC-C8051F226 Datasheet
108Kb / 2P
Mixed-Signal 8KB ISP FLASH MCU
More results


Similar Description - C8051F206

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F001 SILABS-C8051F001 Datasheet
168Kb / 2P
20 MIPS, 32 kB Flash, 12-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F006 SILABS-C8051F006 Datasheet
412Kb / 2P
25 MIPS, 32 kB Flash, 12-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F016 SILABS-C8051F016 Datasheet
420Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F019 SILABS-C8051F019 Datasheet
167Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F220 SILABS-C8051F220 Datasheet
428Kb / 2P
25 MIPS, 8 kB Flash, 8-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F221 SILABS-C8051F221 Datasheet
428Kb / 2P
25 MIPS, 8 kB Flash, 8-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F226 SILABS-C8051F226 Datasheet
430Kb / 2P
25 MIPS, 8 kB Flash, 8-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F230 SILABS-C8051F230 Datasheet
414Kb / 2P
25 MIPS, 8 kB Flash, 48-Pin Mixed-Signal MCU
C8051F236 SILABS-C8051F236 Datasheet
415Kb / 2P
25 MIPS, 8 kB Flash, 48-Pin Mixed-Signal MCU
C8051F302 SILABS-C8051F302 Datasheet
199Kb / 2P
25 MIPS, 8 kB Flash, 8-Bit ADC, 11-Pin Mixed-Signal MCU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com