Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFM32 Datasheet (PDF) - Silicon Laboratories

EFM32 Datasheet PDF - Silicon Laboratories
Part # EFM32
Download  EFM32 Download
File Size   2137.41 Kbytes
Page   104 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description EFM32 Zero Gecko Family

EFM32 Datasheet (PDF)

Go To PDF Page Download Datasheet
EFM32 Datasheet PDF - Silicon Laboratories

Part # EFM32
Download  EFM32 Click to download

File Size   2137.41 Kbytes
Page   104 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description EFM32 Zero Gecko Family

EFM32 Datasheet (HTML) - Silicon Laboratories


EFM32 Product details

KEY FEATURES
• ARM Cortex-M0+ at 24 MHz
• Ultra low power operation
• 0.5 μA current in Stop (EM3), with
brown-out detection and RAM retention
• 48 μA/MHz in EM1
• 114 μA/MHz in Run mode (EM0)
• Fast wake-up time of 2 μs
• Hardware cryptography (AES)
• Up to 32 kB of Flash and 4 kB of RAM




Similar Part No. - EFM32

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
EFM32 WURTH-EFM32 Datasheet
261Kb / 2P
Linear Technology Multi-Source Energy Harvester
logo
Silicon Laboratories
EFM32 SILABS-EFM32 Datasheet
5Mb / 433P
EFM32 Giant Gecko Family
EFM32 SILABS-EFM32 Datasheet
2Mb / 169P
EFM32 Happy Gecko Family
Rev. 2.40
EFM32 SILABS-EFM32 Datasheet
5Mb / 469P
EFM32 Gecko Family
Rev. 2.42
EFM32 SILABS-EFM32 Datasheet
3Mb / 261P
EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
Rev. 1.2
More results


Similar Description - EFM32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32 SILABS-EFM32 Datasheet
5Mb / 433P
EFM32 Giant Gecko Family
SLSTK3301A SILABS-SLSTK3301A Datasheet
1Mb / 28P
EFM32 Tiny Gecko TG11 StarterKit Users Guide
Rev. 1.0
SLSTK3701A SILABS-SLSTK3701A Datasheet
2Mb / 33P
EFM32 Giant Gecko GG11 Starter Kit
Revision 1.10
SLSTK3401A SILABS-SLSTK3401A Datasheet
522Kb / 7P
EFM32 Pearl Gecko Family QSG118: EFM32PG1 SLSTK3401A QuickStart Guide
Rev. 0.4
EFM32HG SILABS-EFM32HG Datasheet
2Mb / 169P
EFM32 Happy Gecko Family
Rev. 2.40
EFM32LG SILABS-EFM32LG Datasheet
5Mb / 469P
EFM32 Leopard Gecko Family
Rev. 2.40
EFM32PG23 SILABS-EFM32PG23 Datasheet
1Mb / 99P
EFM32PG23 Gecko Family
Rev. 0.5
EFM32TG SILABS-EFM32TG Datasheet
2Mb / 202P
EFM32 Gecko Family
Rev. 2.11
EFM32WG SILABS-EFM32WG Datasheet
5Mb / 469P
EFM32 Gecko Family
Rev. 2.42
EFM32GG11 SILABS-EFM32GG11 Datasheet
3Mb / 261P
EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
Rev. 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com