Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3585 Datasheet (PDF) - Silicon Laboratories

EM3585 Datasheet PDF - Silicon Laboratories
Part # EM3585
Download  EM3585 Download
File Size   2506.39 Kbytes
Page   41 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description ETRX3585-LRS ZIGBEE® MODULES

EM3585 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM3585 Datasheet PDF - Silicon Laboratories

Part # EM3585
Download  EM3585 Click to download

File Size   2506.39 Kbytes
Page   41 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description ETRX3585-LRS ZIGBEE® MODULES

EM3585 Datasheet (HTML) - Silicon Laboratories


EM3585 Product details

Module Features
• Small form factor, SMT module 25mm x 19mm
• Same footprint and pin-out as ETRX357-LRS
• Side Castellations for easy soldering and inspection
• Two antenna options: Integrated chip antenna or U.FL coaxial connector
• Based on 32-bit ARM® Cortex-M3
• Industry standard JTAG Programming and real time network level debugging via the Ember Debug Port
• Up to 512kB of flash and 64kbytes of RAM
• Lowest Deep Sleep Current of sub 1μA with retained RAM and GPIO and multiple sleep modes
• Ultra Wide supply voltage range (2.1 to 3.6V)
• Optional 32.768kHz watch crystal can be added externally
• Can act as an End Device, Router or Coordinator
• 22 general-purpose I/O lines including analogue inputs
• Firmware upgrades via serial port or over the air (password protected)
• Hardware supported encryption (AES-128)
• CE and FCC and IC compliance, IC and FCC modular approval
• Operating temperature range: -40°C to +85°C
• Standard version without LNA and PA available in the same form factor

Radio Features
• Based on the Silicon Labs EM3585 family of single chip ZigBee® SoCs
• 2.4GHz ISM Band
• 250kbit/s over the air data rate – NB: actual usable data throughput with ZigBee is about 20kbps
• 15 channels (IEEE802.15.4 Channel 11 to 25)
• SiGe SE2432L integrated PA and LNA
• +20dBm output power (adjustable down to -41dBm)
• High sensitivity of -106dBm typ. @ 1% packet error rate
• RX Current: 33mA, TX Current: approx 140mA at 20dBm




Similar Part No. - EM3585

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EM3585-RTR SILABS-EM3585-RTR Datasheet
901Kb / 59P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
More results


Similar Description - EM3585

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC220X ETC-RC220X Datasheet
372Kb / 17P
ZigBee Ready RF Transceiver Modules
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
logo
List of Unclassifed Man...
ETRX2-PA ETC2-ETRX2-PA Datasheet
771Kb / 33P
ETRX2-PA and ETRX2HR-PA ZIGBEE MODULES PRODUCT MANUAL
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
450-0075 LSTD-450-0075 Datasheet
1Mb / 46P
Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
NXP Semiconductors
JN5169-001-M0X-2 NXP-JN5169-001-M0X-2 Datasheet
801Kb / 27P
ZigBee 3.0, ZigBee PRO and IEEE802.15.4 modules
Rev.3.0-19 September 2016
JN5179-001-M1X NXP-JN5179-001-M1X Datasheet
788Kb / 28P
ZigBee 3.0, ZigBee PRO, Thread and IEEE802.15.4 modules
Rev. 2.0-26 October 2016
logo
EnOcean GmbH.
PTM216Z ENOCEAN-PTM216Z Datasheet
120Kb / 1P
ZigBee® Green Power Generic Switch Pushbutton Module
March 2020
logo
Silicon Laboratories
ETRX358X-LRS SILABS-ETRX358X-LRS Datasheet
2Mb / 41P
ETRX358x-LRS ZIGBEE® MODULES
ETRX358X SILABS-ETRX358X Datasheet
2Mb / 40P
ETRX358x ZIGBEE® MODULES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com