Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3585 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # EM3585
Description  ETRX3585-LRS ZIGBEE® MODULES
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3585 Datasheet(HTML) 4 Page - Silicon Laboratories

  EM3585 Datasheet HTML 1Page - Silicon Laboratories EM3585 Datasheet HTML 2Page - Silicon Laboratories EM3585 Datasheet HTML 3Page - Silicon Laboratories EM3585 Datasheet HTML 4Page - Silicon Laboratories EM3585 Datasheet HTML 5Page - Silicon Laboratories EM3585 Datasheet HTML 6Page - Silicon Laboratories EM3585 Datasheet HTML 7Page - Silicon Laboratories EM3585 Datasheet HTML 8Page - Silicon Laboratories EM3585 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
ETRX3585-LRS and ETRX3585HR-LRS
©2022 Silicon Labs
- 4 -
ETRX3585-LRS Product Manual
The Telegesis ETRX3585-LRS and ETRX3585HR-LRS
modules are low power 2.4GHz ZigBee modules with an added
frontend module (SiGe SE2432L) containing both PA and LNA
for highest possible link budget.
Based on the latest Ember EM3585 family of single chip
ZigBee solutions the new long-range modules are footprint
compatible with the entire Telegesis ETRX3 family, thus
representing a drop-in replacement for all applications where a
high link budget is required.
For custom application development the ETRX3585 series
integrates with ease into Ember’s InSight development
environment.
Image not shown actual size; enlarged to show detail.
Module Features
•
Small form factor, SMT module 25mm x 19mm
•
Same footprint and pin-out as ETRX357-LRS
•
Side Castellations for easy soldering and inspection
•
Two antenna options: Integrated chip antenna or U.FL
coaxial connector
•
Based on 32-bit ARM® Cortex-M3
•
Industry standard JTAG Programming and real time
network level debugging via the Ember Debug Port
•
Up to 512kB of flash and 64kbytes of RAM
•
Lowest Deep Sleep Current of sub 1µA with retained
RAM and GPIO and multiple sleep modes
•
Ultra Wide supply voltage range (2.1 to 3.6V)
•
Optional 32.768kHz watch crystal can be added
externally
•
Can act as an End Device, Router or Coordinator
•
22 general-purpose I/O lines including analogue inputs
•
Firmware upgrades via serial port or over the air
(password protected)
•
Hardware supported encryption (AES-128)
•
CE and FCC and IC compliance, IC and FCC modular
approval
•
Operating temperature range: -40°C to +85°C
•
Standard version without LNA and PA available in the
same form factor
Radio Features
•
Based on the Silicon Labs EM3585 family of single chip
ZigBee® SoCs
•
2.4GHz ISM Band
•
250kbit/s over the air data rate – NB: actual usable data
throughput with ZigBee is about 20kbps
•
15 channels (IEEE802.15.4 Channel 11 to 25)
•
SiGe SE2432L integrated PA and LNA
•
+20dBm output power (adjustable down to -41dBm)
•
High sensitivity of -106dBm typ. @ 1% packet error rate
•
RX Current: 33mA, TX Current: approx 140mA at
20dBm
Suggested Applications
•
ZigBee Smart Energy applications
•
Wireless Alarms and Security
•
Home/Building Automation
•
Wireless Sensor Networks
•
M2M Industrial Controls
•
Lighting and ventilation control
•
Remote monitoring
•
Environmental monitoring and control
Development Kit
•
Enhancement kit available to upgrade existing
Telegesis and Ember development kits to be used with
the new ETRX3585 family
•
Custom software development available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com