Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LD Datasheet (PDF) - Renesas Technology Corp

R5F100LD Datasheet PDF - Renesas Technology Corp
Part # R5F100LD
Download  R5F100LD Download
File Size   3458.18 Kbytes
Page   207 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz

R5F100LD Datasheet (PDF)

Go To PDF Page Download Datasheet
R5F100LD Datasheet PDF - Renesas Technology Corp

Part # R5F100LD
Download  R5F100LD Click to download

File Size   3458.18 Kbytes
Page   207 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz

R5F100LD Datasheet (HTML) - Renesas Technology Corp


R5F100LD Product details

1.1 Features
Ultra-low power consumption technology
 VDD = single power supply voltage of 1.6 to 5.5 V
 HALT mode
 STOP mode
 SNOOZE mode
RL78 CPU core
 CISC architecture with 3-stage pipeline
 Minimum instruction execution time: Can be changed
from high speed (0.03125 μs: @ 32 MHz operation
with high-speed on-chip oscillator) to ultra-low speed
(30.5 μs: @ 32.768 kHz operation with subsystem
clock)
 Address space: 1 MB
 General-purpose registers: (8-bit register × 8) × 4
banks
 On-chip RAM: 2 to 32 KB
Code flash memory
 Code flash memory: 16 to 512 KB
 Block size: 1 KB
 Prohibition of block erase and rewriting (security
function)
 On-chip debug function
 Self-programming (with boot swap function/flash shield
window function)
Data Flash Memory
 Data flash memory: 4 KB to 8 KB
 Back ground operation (BGO): Instructions can be
executed from the program memory while rewriting the
data flash memory.
 Number of rewrites: 1,000,000 times (TYP.)
 Voltage of rewrites: VDD = 1.8 to 5.5 V
High-speed on-chip oscillator
 Select from 32 MHz, 24 MHz, 16 MHz, 12 MHz, 8 MHz,
6 MHz, 4 MHz, 3 MHz, 2 MHz, and 1 MHz
 High accuracy: +/- 1.0 % (VDD = 1.8 to 5.5 V, TA = -20
to +85°C)
Operating ambient temperature
 TA = -40 to +85°C (A: Consumer applications, D:
Industrial applications )
 TA = -40 to +105°C (G: Industrial applications)
Power management and reset function
 On-chip power-on-reset (POR) circuit
 On-chip voltage detector (LVD) (Select interrupt and
reset from 14 levels)
DMA (Direct Memory Access) controller
 2/4 channels
 Number of clocks during transfer between 8/16-bit
SFR and internal RAM: 2 clocks
Multiplier and divider/multiply-accumulator
 16 bits × 16 bits = 32 bits (Unsigned or signed)
 32 bits ÷ 32 bits = 32 bits (Unsigned)
 16 bits × 16 bits + 32 bits = 32 bits (Unsigned or
signed)
Serial interface
 CSI: 2 to 8 channels
 UART/UART (LIN-bus supported): 2 to 4 channels
 I2C/Simplified I2C communication: 3 to 10 channels
Timer
 16-bit timer: 8 to 16 channels
 12-bit interval timer: 1 channel
 Real-time clock: 1 channel (calendar for 99 years,
alarm function, and clock
correction function)
 Watchdog timer: 1 channel (operable with the
dedicated low-speed on-chip
oscillator)
A/D converter
 8/10-bit resolution A/D converter (VDD = 1.6 to 5.5 V)
 Analog input: 6 to 26 channels
 Internal reference voltage (1.45 V) and temperature
sensor Note 1
I/O port
 I/O port: 16 to 120 (N-ch open drain I/O [withstand
voltage of 6 V]: 0 to 4, N-ch open drain I/O
[VDD withstand voltage Note 2/EVDD withstand
voltage Note 3]: 5 to 25)
 Can be set to N-ch open drain, TTL input buffer, and
on-chip pull-up resistor
 Different potential interface: Can connect to a 1.8/2.5/3
V device
 On-chip key interrupt function
 On-chip clock output/buzzer output controller
Others
 On-chip BCD (binary-coded decimal) correction circuit




Similar Part No. - R5F100LD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F100LD RENESAS-R5F100LD Datasheet
153Kb / 17P
PG-FP5
R5F100LD RENESAS-R5F100LD Datasheet
1Mb / 202P
True Low Power Platform
More results


Similar Description - R5F100LD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
2Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
08-Jun-2006
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
11-May-2006
logo
Renesas Technology Corp
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
R5F10E8AALA RENESAS-R5F10E8AALA Datasheet
965Kb / 79P
Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
logo
STMicroelectronics
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
10-Jan-2008
logo
Renesas Technology Corp
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
R7F0C903-908 RENESAS-R7F0C903-908 Datasheet
1Mb / 99P
True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for LVD), 1.6 V to 5.5 V operation, 16 to 48 Kbyte Flash, 31 DMIPS at 24 MHz, for General Purpose Applications
Jun 05, 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com