Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB2 Datasheet (PDF) - NXP Semiconductors

68HC705JB2 Datasheet PDF - NXP Semiconductors
Part # 68HC705JB2
Download  68HC705JB2 Download
File Size   1359.09 Kbytes
Page   128 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Industry standard M68HC05 CPU core

68HC705JB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC705JB2 Datasheet PDF - NXP Semiconductors

Part # 68HC705JB2
Download  68HC705JB2 Click to download

File Size   1359.09 Kbytes
Page   128 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Industry standard M68HC05 CPU core

68HC705JB2 Datasheet (HTML) - NXP Semiconductors


68HC705JB2 Product details

GENERAL DESCRIPTION
The MC68HC705JB2 is a member of the low-cost, high-performance MC68HC05
Family of 8-bit microcontroller units (MCUs). The MC68HC05 Family is based on
the Customer-Specified Integrated Circuit (CSIC) design strategy. All MCUs in the
family use the popular MC68HC05 central processing unit (CPU) and are
available with a variety of subsystems, memory sizes and types, and package
types. The MC68HC705JB2 is specifically designed to be used in applications
where a Universal Serial Bus (USB) interface is required.

FEATURES
• Industry standard M68HC05 CPU core
• Memory-mapped Input/Output (I/O) registers
• 2048 Bytes of user EPROM
• 128 Bytes of user RAM
• Fully compliant Low Speed USB with 3 Endpoints:
– 1 Control Endpoint (2 x 8-byte buffer)
– 2 Interrupt Endpoints (1 x 8-byte buffer shared)
• 3.3Volt dc output pin for USB pullup resistors
• Multi-Function Timer
• 16-Bit Input Capture/Output Compare Timer
• 11 Bidirectional I/O pins with the following features:
– 9 I/Os have software programmable pull-down capability
– 2 open-drain I/Os have software programmable pull-up, 25mA current
sink capability
– 4 I/Os with external interrupt capability
• Low Voltage Reset (LVR) circuit
• Power saving STOP and WAIT Modes
• Available in 20-Pin PDIP and 20-pin SOIC packages




Similar Part No. - 68HC705JB2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
68HC705JB3 FREESCALE-68HC705JB3 Datasheet
1Mb / 134P
8-bit microcontroller units (MCUs)
logo
NXP Semiconductors
68HC705JB3 NXP-68HC705JB3 Datasheet
1Mb / 134P
The MC68HC05JB3 is a member of the low-cost, high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
REV 1 November 5, 1998
logo
Freescale Semiconductor...
68HC705JB4 FREESCALE-68HC705JB4 Datasheet
1Mb / 134P
68HC05JB4
logo
NXP Semiconductors
68HC705JB4 NXP-68HC705JB4 Datasheet
2Mb / 134P
The MC68HC05JB4 is a member of the low-cost, high-performance M68HC05
REV 2 February 24 , 1999
More results


Similar Description - 68HC705JB2

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
Industry Standard Package
logo
Freescale Semiconductor...
MC68HC05SU3A FREESCALE-MC68HC05SU3A Datasheet
1Mb / 80P
Fully static chip design featuring the industry standard 8-bit M68HC05 core
68HC05PL4 FREESCALE-68HC05PL4 Datasheet
3Mb / 98P
Industry standard 8-bit M68HC05 CPU core
M68HC05 FREESCALE-M68HC05_13 Datasheet
1Mb / 222P
M68HC05 Microcontrollers
logo
Cypress Semiconductor
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
F2MC-8FX CPU core
MB95650L CYPRESS-MB95650L Datasheet
11Mb / 105P
F2MC-8FX CPU core
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
F2MC-8FX CPU core
logo
COREBAI Microelectronic...
CBM9002 COREBAI-CBM9002 Datasheet
2Mb / 22P
Industry-standard enhanced 8051 core
logo
NXP Semiconductors
68HC05SB7 NXP-68HC05SB7 Datasheet
2Mb / 170P
Industry standard 8-bit M68HC05 CPU core
REV 2.1
MC68HC05P9 NXP-MC68HC05P9 Datasheet
7Mb / 108P
Popular M68HC05 Central Processor Unit (CPU)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com