Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV4094 Datasheet (PDF) - NXP Semiconductors

74LV4094 Datasheet PDF - NXP Semiconductors
Part # 74LV4094
Download  74LV4094 Download
File Size   105.44 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-stage shift-and-store bus register

74LV4094 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV4094 Datasheet PDF - NXP Semiconductors

Part # 74LV4094
Download  74LV4094 Click to download

File Size   105.44 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-stage shift-and-store bus register

74LV4094 Datasheet (HTML) - NXP Semiconductors


74LV4094 Product details

DESCRIPTION
The 74LV4094 is a low-voltage Si-gate CMOS device and is pin and function compatible with 74HC/HCT4094.
The 74LV4094 is an 8-stage serial shift register having a storage latch associated with each stage for strobing data from the serial input (D) to the parallel buffered 3-State outputs (QP0 to OP7). The parallel outputs may be connected directly to the common bus lines. Data is shifted on the positive-going clock (CP) transitions. The data in each shift register is transferred to the storage register when the strobe input (STR) is HIGH. Data in the storage register appears at the outputs whenever the output enable input (OE) signal is HIGH. Two serial outputs (QS1 and QS2) are available for cascading a number of 74LV4094 devices. Data is available at QS1 on the positive-going clock edges to allow high-speed operation in cascaded systems in which the clock rise time is fast. The same serial information is available at QS2 on the next negative going clock edge and is for cascading 74LV4094 devices when the clock rise time is slow.

FEATURES
• Optimized for low voltage applications: 1.0 to 3.6 V
• Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
• Typical VOLP (output ground bounce) < 0.8 V at VCC = 3.3 V,
   Tamb = 25°C
• Typical VOHV (output VOH undershoot) > 2 V at VCC = 3.3 V,
   Tamb = 25°C
• Output capability: standard
• ICC category: MSI

Applications:
• Serial-to-parallel data conversion
• Remote control holding register




Similar Part No. - 74LV4094

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
74LV4094D NEXPERIA-74LV4094D Datasheet
282Kb / 17P
8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
74LV4094DB NEXPERIA-74LV4094DB Datasheet
282Kb / 17P
8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
74LV4094PW NEXPERIA-74LV4094PW Datasheet
282Kb / 17P
8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094_15 Datasheet
205Kb / 21P
8-stage shift-and-store bus register
Rev. 4-19 December 2011
More results


Similar Description - 74LV4094

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
8-stage shift-and-store bus register
December 1990
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
8-stage shift-and-store bus register
January 1995
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
8-STAGE SHIFT-AND-STORE BUS REGISTER
Jun-1989
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
8-Stage Shift-and-Store Bus-Register
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
8-stage shift-and-store bus register
Rev. 04-30 October 2008
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
8-stage shift-and-store bus register
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
8-stage shift-and-store bus register
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com