Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP50-220 Datasheet (PDF) - STMicroelectronics

SMP50-220 Datasheet PDF - STMicroelectronics
Part # SMP50-220
Download  SMP50-220 Download
File Size   106.78 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRISIL FOR TELECOM EQUIPMENT PROTECTION

SMP50-220 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP50-220 Datasheet PDF - STMicroelectronics

Part # SMP50-220
Download  SMP50-220 Click to download

File Size   106.78 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRISIL FOR TELECOM EQUIPMENT PROTECTION

SMP50-220 Datasheet (HTML) - STMicroelectronics


SMP50-220 Product details

Description
These Trisil series have been designed to protect telecommunication equipment against lightning and transient induced by AC power lines.
They are available in SMA, SMB and DO-15 packages.

Features
■ Bidirectional crowbar protection
■ Voltage range from 62 V to 320 V
■ Low capacitance from 12 pF to 20 pF @ 50 V
■ Low leakage current : IR = 2 µA max
■ Holding current: IH = 150 mA min
■ Repetitive peak pulse current :
   IPP = 50 A (10/1000 µs)

Main applications
Telecommunication equipment such as:
■ Analog and digital line cards (xDSL, T1/E1,
   ISDN, ...)
■ Terminals (phone, fax, modem, ...) and central
   office equipment




Similar Part No. - SMP50-220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-220 STMICROELECTRONICS-SMP50-220 Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP50-220 STMICROELECTRONICS-SMP50-220 Datasheet
129Kb / 11P
Trisil for telecom equipment protection
12-Jun-2007
More results


Similar Description - SMP50-220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
Trisil for telecom equipment protection
12-Jun-2007
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
TRISIL for telecom equipment protection
18-Jan-2007
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
Trisil for telecom equipment protection
05-Mar-2007
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
Trisil??for telecom equipment protection
09-Feb-2012
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
Trisil??for telecom equipment protection
19-Oct-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com