Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP50-220 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SMP50-220
Description  TRISIL FOR TELECOM EQUIPMENT PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP50-220 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SMP50-220 Datasheet HTML 2Page - STMicroelectronics SMP50-220 Datasheet HTML 3Page - STMicroelectronics SMP50-220 Datasheet HTML 4Page - STMicroelectronics SMP50-220 Datasheet HTML 5Page - STMicroelectronics SMP50-220 Datasheet HTML 6Page - STMicroelectronics SMP50-220 Datasheet HTML 7Page - STMicroelectronics SMP50-220 Datasheet HTML 8Page - STMicroelectronics SMP50-220 Datasheet HTML 9Page - STMicroelectronics SMP50-220 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SMP50 / SMTPA / TPA
9/10
Table 6: Ordering Information
Part Number
Marking
Package
Weight
Base qty
Delivery mode
SMP50-62
V06
SMA
0.068 g
5000
Tape & reel
SMP50-68
V07
SMP50-100
V10
SMP50-120
V12
SMP50-130
V13
SMP50-180
V18
SMP50-200
V20
SMP50-220
V22
SMP50-240
V24
SMP50-270
V27
SMTPA62
U01
SMB
0.11 g
2500
Tape & reel
SMTPA68
U05
SMTPA100
U13
SMTPA120
U17
SMTPA130
U19
SMTPA180
U25
SMTPA200
U27
SMTPA220
U31
SMTPA240
U35
SMTPA270
U39
TPA62
TPA62
DO-15
0.40 g
1000
Ammopack
TPA62RL
6000
Tape & reel
TPA68
TPA68
1000
Ammopack
TPA68RL
6000
Tape & reel
TPA100
TPA100
1000
Ammopack
TPA100RL
6000
Tape & reel
TPA120
TPA120
1000
Ammopack
TPA130
TPA130
1000
Ammopack
TPA130RL
6000
Tape & reel
TPA180
TPA180
1000
Ammopack
TPA180RL
6000
Tape & reel
TPA200
TPA200
1000
Ammopack
TPA200RL
6000
Tape & reel
TPA220
TPA220
1000
Ammopack
TPA220RL
6000
Tape & reel
TPA240
TPA240
1000
Ammopack
TPA240RL
6000
Tape & reel
TPA270
TPA270
1000
Ammopack
TPA270RL
6000
Tape & reel
Table 7: Revision History
Date
Revision
Description of Changes
16-Nov-2004
1
SMP50, SMTPA and TPA datasheets merge.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com