Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV688 Datasheet (PDF) - NXP Semiconductors

74LV688 Datasheet PDF - NXP Semiconductors
Part # 74LV688
Download  74LV688 Download
File Size   126.19 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit magnitude comparator

74LV688 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV688 Datasheet PDF - NXP Semiconductors

Part # 74LV688
Download  74LV688 Click to download

File Size   126.19 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit magnitude comparator

74LV688 Datasheet (HTML) - NXP Semiconductors


74LV688 Product details

DESCRIPTION
The 74LV688 is a high-speed Si-gate CMOS device, pin compatible with the 74HC/HCT688
The 74LV688 is an 8-bit magnitude comparator. It performs comparisons of two 8-bit binary or BCD words. The output provides P = Q (equal-to).

FEATURES
• Wide operating voltage: 1.0 to 5.5V
• Optimized for low voltage applications: 1.0V to 3.6V
• Accepts TTL input levels between VCC = 2.7V and VCC = 3.6V
• Typical VOLP (output ground bounce) < 0.8V at VCC = 3.3V, Tamb = 25°C
• Typical VOHV (output VOH undershoot) > 2V at VCC = 3.3V, Tamb = 25°C
• Compare two 8-bit words
• Output capability: standard
• ICC category: MSI




Similar Part No. - 74LV688

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV00 PHILIPS-74LV00 Datasheet
104Kb / 10P
Quad 2-input NAND gate
1998 Apr 20
logo
Nexperia B.V. All right...
74LV00 NEXPERIA-74LV00 Datasheet
232Kb / 12P
Quad 2-input NAND gate
Rev. 5 - 10 September 2021
logo
Texas Instruments
74LV00A TI-74LV00A Datasheet
409Kb / 14P
QUADRUPLE 2 INPUT POSITIVE NAND GATES
logo
Diodes Incorporated
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
QUADRUPLE 2-INPUT NAND GATES
Rev 1
logo
Nexperia B.V. All right...
74LV00A NEXPERIA-74LV00A Datasheet
192Kb / 10P
Quad 2-input NAND gate
Rev. 1 - 19 December 2018
More results


Similar Description - 74LV688

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC688 PHILIPS-74HC688 Datasheet
48Kb / 7P
8-bit magnitude comparator
December 1990
logo
Hitachi Semiconductor
HD74HC682 HITACHI-HD74HC682 Datasheet
45Kb / 7P
8-bit Magnitude Comparator
HD74HC688 HITACHI-HD74HC688 Datasheet
60Kb / 9P
8-bit Magnitude Comparator
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
8-bit Magnitude Comparator
logo
Renesas Technology Corp
HD74HC682 RENESAS-HD74HC682 Datasheet
92Kb / 7P
8-bit Magnitude Comparator
HD74HC688 RENESAS-HD74HC688 Datasheet
111Kb / 8P
8-bit Magnitude Comparator
HD74HCT688 RENESAS-HD74HCT688 Datasheet
111Kb / 8P
8-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT688_CNV PHILIPS-74HC_HCT688_CNV_15 Datasheet
54Kb / 7P
8-bit magnitude comparator
December 1990
logo
Nexperia B.V. All right...
74HCT688 NEXPERIA-74HCT688 Datasheet
53Kb / 7P
8-bit magnitude comparator
December 1990
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
8-bit magnitude comparator
Rev. 4 - 16 July 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com