Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC688 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC688 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC688
Download  74HC688 Download
File Size   231.92 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit magnitude comparator

74HC688 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC688 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC688
Download  74HC688 Click to download

File Size   231.92 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit magnitude comparator

74HC688 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC688 Product details

1. General description
The 74HC688 is an 8-bit magnitude comparator. It performs comparisons of two 8-bit binary or
BCD words. Inputs include clamp diodes. This enables the use of current limiting resistors to
interface inputs to voltages in excess of VCC.
2. Features and benefits
• Compare two 8-bit words
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS input levels
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114-F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HC688

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC688 PHILIPS-74HC688 Datasheet
48Kb / 7P
8-bit magnitude comparator
December 1990
logo
Nexperia B.V. All right...
74HC688 NEXPERIA-74HC688 Datasheet
53Kb / 7P
8-bit magnitude comparator
December 1990
logo
Motorola, Inc
74HC688 MOTOROLA-74HC688 Datasheet
207Kb / 6P
High–Performance Silicon–Gate CM
REV 6
logo
NXP Semiconductors
74HC688D PHILIPS-74HC688D Datasheet
48Kb / 7P
8-bit magnitude comparator
December 1990
74HC688DB PHILIPS-74HC688DB Datasheet
48Kb / 7P
8-bit magnitude comparator
December 1990
More results


Similar Description - 74HC688

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC688 PHILIPS-74HC688 Datasheet
48Kb / 7P
8-bit magnitude comparator
December 1990
74LV688 PHILIPS-74LV688 Datasheet
126Kb / 12P
8-bit magnitude comparator
1998 Jun 23
logo
Hitachi Semiconductor
HD74HC682 HITACHI-HD74HC682 Datasheet
45Kb / 7P
8-bit Magnitude Comparator
HD74HC688 HITACHI-HD74HC688 Datasheet
60Kb / 9P
8-bit Magnitude Comparator
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
8-bit Magnitude Comparator
logo
Renesas Technology Corp
HD74HC682 RENESAS-HD74HC682 Datasheet
92Kb / 7P
8-bit Magnitude Comparator
HD74HC688 RENESAS-HD74HC688 Datasheet
111Kb / 8P
8-bit Magnitude Comparator
HD74HCT688 RENESAS-HD74HCT688 Datasheet
111Kb / 8P
8-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT688_CNV PHILIPS-74HC_HCT688_CNV_15 Datasheet
54Kb / 7P
8-bit magnitude comparator
December 1990
logo
Nexperia B.V. All right...
74HCT688 NEXPERIA-74HCT688 Datasheet
53Kb / 7P
8-bit magnitude comparator
December 1990
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com