Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV74D Datasheet (PDF) - NXP Semiconductors

74LV74D Datasheet PDF - NXP Semiconductors
Part # 74LV74D
Download  74LV74D Download
File Size   125.21 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual D-type flip-flop with set and reset; positive-edge trigger

74LV74D Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV74D Datasheet PDF - NXP Semiconductors

Part # 74LV74D
Download  74LV74D Click to download

File Size   125.21 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual D-type flip-flop with set and reset; positive-edge trigger

74LV74D Datasheet (HTML) - NXP Semiconductors


74LV74D Product details

DESCRIPTION

The 74LV74 is a low-voltage Si-gate CMOS device and is pin and function compatible with 74HC/HCT74.



FEATURES

• Wide operating voltage: 1.0 to 5.5V

• Optimized for Low Voltage applications: 1.0 to 3.6V

• Accepts TTL input levels between VCC = 2.7V and VCC = 3.6V

• Typical VOLP (output ground bounce)< 0.8V @ VCC = 3.3V, Tamb = 25°C

• Typical VOHV (output VOH undershoot)< 2V @ VCC = 3.3V, Tamb = 25°C

• Output capability: standard

• ICC category: flip-flops



 




Similar Part No. - 74LV74D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV74D NEXPERIA-74LV74D Datasheet
251Kb / 15P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74D-Q100 NEXPERIA-74LV74D-Q100 Datasheet
1Mb / 17P
Dual D-type flip-flop with set and reset; positive-edge trigger
More results


Similar Description - 74LV74D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
Dual D-type flip-flop with set and reset; positive-edge trigger
logo
NXP Semiconductors
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
logo
Nexperia B.V. All right...
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
Dual D-type flip-flop with set and reset positive-edge trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
Dual D-type flip-flop with set and reset; positive edge-trigger
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
Dual D-type flip-flop with set and reset; positive-edge trigger
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com