Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL485-3V Datasheet (PDF) - List of Unclassifed Manufacturers

IL485-3V Datasheet PDF - List of Unclassifed Manufacturers
Part # IL485-3V
Download  IL485-3V Download
File Size   348.36 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Isolated RS485-3V Interface

IL485-3V Datasheet (PDF)

Go To PDF Page Download Datasheet
IL485-3V Datasheet PDF - List of Unclassifed Manufacturers

Part # IL485-3V
Download  IL485-3V Click to download

File Size   348.36 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Isolated RS485-3V Interface

IL485-3V Datasheet (HTML) - List of Unclassifed Manufacturers


IL485-3V Product details

[NVE Corporation]

Description
The IL485-3V is a galvanically isolated, high speed differential bus transceiver, designed for bidirectional data communication on balanced transmission lines. Isolation is achieved through patented* Isoloop® technology. The IL485-3V is the first isolated RS-485 interface available in a standard 16 pin SOIC package, which meets the ANSI Standards EIA/TIA-422-B and RS485 and is compatible with 3.3V input supplies.
The IL485-3V has current limiting and thermal shutdown features to protect against output short circuits and bus contention situations where these may cause excessive power dissipation.
With 1 nsec pulse skew and 16 nsec propagation delay, the IL485 is ideal for PROFIBUS applications.

Features
• 3.3 V Input Supply Compatible
• 2500 VRMS Isolation (1 min)
• 25 ns Maximum Propagation Delay
• 35 MBaud Data Rate
• 1 ns Pulse Skew (typ.)
• Designed for Multi-point Transmission
   on Long Bus Lines in Noisy Environments
• ±60 mA Driver Output Capability
• Thermal Shutdown Protection
• Meets or Exceeds ANSI RS-485 and ISO 8482:1987 (E)
• -40°C to +85°C Temperature Range
• PROFIBUS International Component Recognition
• 16 Pin SOIC Package
• UL1577 Approval Pending
• IEC 61010-1 Approval Pending

Applications
• PROFIBUS/RS485
• RS-485 Systems
• Multiple Data Point Transmission




Similar Part No. - IL485-3V

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL485 SIEMENS-IL485 Datasheet
59Kb / 3P
OPTICALLY COUPLED HIGH SPEED MOSFET DRIVERS OPTOCOUPLER
logo
NVE Corporation
IL485 NVE-IL485 Datasheet
212Kb / 12P
Isolated RS485 Interface
IL485E NVE-IL485E Datasheet
212Kb / 12P
Isolated RS485 Interface
logo
List of Unclassifed Man...
IL485W ETC-IL485W Datasheet
176Kb / 4P
Isolated RS485 Interface with Handshake
logo
RHOPOINT COMPONENTS
IL485W RHOPOINT-IL485W Datasheet
168Kb / 9P
Isolated RS485 Interface With Handshake
More results


Similar Description - IL485-3V

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
Isolated RS485 Transceiver
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL485W ETC-IL485W Datasheet
176Kb / 4P
Isolated RS485 Interface with Handshake
IL3585 ETC1-IL3585 Datasheet
327Kb / 8P
PROFIBUS Compatible Isolated RS485 Interface
logo
Linear Technology
LTC485 LINER-LTC485_06 Datasheet
282Kb / 12P
Low Power RS485 Interface Transceiver
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
Isolated RS485 Transceiver
logo
RHOPOINT COMPONENTS
IL485W RHOPOINT-IL485W Datasheet
168Kb / 9P
Isolated RS485 Interface With Handshake
logo
Linear Technology
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_15 Datasheet
267Kb / 18P
Isolated RS485 Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com