Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL485 Datasheet (PDF) - NVE Corporation

IL485 Datasheet PDF - NVE Corporation
Part # IL485
Download  IL485 Download
File Size   212.05 Kbytes
Page   12 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description Isolated RS485 Interface

IL485 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL485 Datasheet PDF - NVE Corporation

Part # IL485
Download  IL485 Click to download

File Size   212.05 Kbytes
Page   12 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description Isolated RS485 Interface

IL485 Datasheet (HTML) - NVE Corporation


IL485 Product details

Features
• 3.3 V Input Supply Compatible
• 25 ns Maximum Propagation Delay
• 35 Mbps Data Rate
• 1 ns Pulse Skew (typ.)
• Designed for Multi-point Transmission
on Long Bus Lines in Noisy Environments
• ±60 mA Driver Output Capability
• Thermal Shutdown Protection
• Meets or Exceeds ANSI RS-485 and ISO 8482:1987(E)
• Low EMC Footprint
• −40 °C to +85 °C Operating Temperature
• PROFIBUS Compliant
• 2500 VRMS Isolation
• IEC 60747-17 (VDE 0884-17):2021-10 certified; UL 1577 recognized
• 16-Pin Wide-Body SOIC Package
Applications
• RS-485 Systems
• PROFIBUS
• Multiple Data Point Transmission




Similar Part No. - IL485

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL485 SIEMENS-IL485 Datasheet
59Kb / 3P
OPTICALLY COUPLED HIGH SPEED MOSFET DRIVERS OPTOCOUPLER
logo
List of Unclassifed Man...
IL485-3V ETC-IL485-3V Datasheet
348Kb / 8P
Isolated RS485-3V Interface
IL485W ETC-IL485W Datasheet
176Kb / 4P
Isolated RS485 Interface with Handshake
logo
RHOPOINT COMPONENTS
IL485W RHOPOINT-IL485W Datasheet
168Kb / 9P
Isolated RS485 Interface With Handshake
logo
NVE Corporation
IL485W NVE-IL485W Datasheet
276Kb / 14P
Isolated RS485 Interface with Handshake
More results


Similar Description - IL485

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
Isolated RS485 Transceiver
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL485-3V ETC-IL485-3V Datasheet
348Kb / 8P
Isolated RS485-3V Interface
IL485W ETC-IL485W Datasheet
176Kb / 4P
Isolated RS485 Interface with Handshake
IL3585 ETC1-IL3585 Datasheet
327Kb / 8P
PROFIBUS Compatible Isolated RS485 Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
Isolated RS485 Transceiver
logo
RHOPOINT COMPONENTS
IL485W RHOPOINT-IL485W Datasheet
168Kb / 9P
Isolated RS485 Interface With Handshake
logo
Linear Technology
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_15 Datasheet
267Kb / 18P
Isolated RS485 Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com