Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC11 Datasheet (PDF) - NXP Semiconductors

74LVC11 Datasheet PDF - NXP Semiconductors
Part # 74LVC11
Download  74LVC11 Download
File Size   87.17 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Triple 3-input AND gate

74LVC11 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC11 Datasheet PDF - NXP Semiconductors

Part # 74LVC11
Download  74LVC11 Click to download

File Size   87.17 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Triple 3-input AND gate

74LVC11 Datasheet (HTML) - NXP Semiconductors


74LVC11 Product details

DESCRIPTION
The 74LVC11 is a high-performance, low power, low-voltage, Si-gate CMOS device and superior to most advanced CMOS compatible TTL families. The 74LVC11 provides the 3-input AND function.

FEATURES
• Wide supply voltage range from1.2 to 3.6 V
• Inputs accept voltages up to 5.5 V
• CMOS low power consumption
• Direct interface with TTL levels
• Output capability: standard
• ICC category: SSI
• In accordance with JEDEC standard no. 8-1A
• ESD protection:
   HBM EIA/JESD22-A114-A exceeds 2000 V
   MM EIA/JESD22-A115-A exceeds 200 V.




Similar Part No. - 74LVC11

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC11 NEXPERIA-74LVC11 Datasheet
222Kb / 12P
Triple 3-input AND gate
Rev. 8 - 13 January 2020
74LVC11-Q100 NEXPERIA-74LVC11-Q100 Datasheet
221Kb / 12P
Triple 3-input AND gate
Rev. 2 - 13 January 2020
74LVC11BQ NEXPERIA-74LVC11BQ Datasheet
222Kb / 12P
Triple 3-input AND gate
Rev. 8 - 13 January 2020
74LVC11BQ-Q100 NEXPERIA-74LVC11BQ-Q100 Datasheet
221Kb / 12P
Triple 3-input AND gate
Rev. 2 - 13 January 2020
74LVC11D NEXPERIA-74LVC11D Datasheet
222Kb / 12P
Triple 3-input AND gate
Rev. 8 - 13 January 2020
More results


Similar Description - 74LVC11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
TRIPLE 3-INPUT AND GATE
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
TRIPLE 3-INPUT AND GATE
Aug-2001
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
Triple 3-input AND Gate
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
Triple 3-Input AND Gate
logo
Toshiba Semiconductor
TC74AC11F TOSHIBA-TC74AC11F_12 Datasheet
244Kb / 7P
Triple 3-Input AND Gate
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
Triple 3-Input AND Gate
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
Triple 3-input AND gate
Rev. 4 - 11 August 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com