Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC11 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC11
Description  Triple 3-input AND gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC11 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC11 Datasheet HTML 1Page - NXP Semiconductors 74LVC11 Datasheet HTML 2Page - NXP Semiconductors 74LVC11 Datasheet HTML 3Page - NXP Semiconductors 74LVC11 Datasheet HTML 4Page - NXP Semiconductors 74LVC11 Datasheet HTML 5Page - NXP Semiconductors 74LVC11 Datasheet HTML 6Page - NXP Semiconductors 74LVC11 Datasheet HTML 7Page - NXP Semiconductors 74LVC11 Datasheet HTML 8Page - NXP Semiconductors 74LVC11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVC11
Triple 3-input AND gate
1998 Apr 28
3
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1, 3, 9
1A – 3A
Data inputs
2, 4, 10
1B – 3B
Data inputs
7
GND
Ground (0 V)
12, 6, 8
1Y – 3Y
Data outputs
13, 5, 11
1C – 3C
Data inputs
14
VCC
Positive supply voltage
LOGIC SYMBOL
SV00438
1C
1A
13
1
1B
2
2C
2A
5
3
2B
4
3C
3A
11
9
3B
10
2Y
3Y
6
8
12
1Y
LOGIC DIAGRAM (ONE GATE)
SV00421
A
B
C
Y
FUNCTION TABLE
INPUTS
OUTPUTS
nA
nB
nC
nY
L
L
L
L
L
L
H
L
L
H
L
L
L
H
H
L
H
L
L
L
H
L
H
L
H
H
L
L
H
H
H
H
NOTES:
H = HIGH voltage level
L = LOW voltage level
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage (for max. speed performance)
2.7
3.6
V
VCC
DC supply voltage (for low-voltage applications)
1.2
3.6
V
VI
DC input voltage range
0
5.5
V
VO
DC output voltage range
0
VCC
V
Tamb
Operating free-air temperature range
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 1.2 to 2.7V
VCC = 2.7 to 3.6V
0
0
20
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com